Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9983A Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TDA9983A
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983A Fiches technique(HTML) 6 Page - NXP Semiconductors

  TDA9983A Datasheet HTML 1Page - NXP Semiconductors TDA9983A Datasheet HTML 2Page - NXP Semiconductors TDA9983A Datasheet HTML 3Page - NXP Semiconductors TDA9983A Datasheet HTML 4Page - NXP Semiconductors TDA9983A Datasheet HTML 5Page - NXP Semiconductors TDA9983A Datasheet HTML 6Page - NXP Semiconductors TDA9983A Datasheet HTML 7Page - NXP Semiconductors TDA9983A Datasheet HTML 8Page - NXP Semiconductors TDA9983A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TDA9983A_SDS_1
© NXP B.V. 2008. All rights reserved.
Product short data sheet
Rev. 01 — 13 March 2008
6 of 9
NXP Semiconductors
TDA9983A
150 MHz pixel rate HDMI transmitter
7.
Limiting values
8.
Application information
9.
Abbreviations
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(3V3)
supply voltage (3.3 V)
−0.5
+4.6
V
VDD(1V8)
supply voltage (1.8 V)
−0.5
+2.5
V
∆VDD
supply voltage difference
−0.5
+0.5
V
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
0
70
°C
Tj
junction temperature
-
125
°C
Vesd
electrostatic discharge voltage
HBM
−1500 +1500 V
Fig 3.
Transmitter connection with external world
001aaf300
MICROPROCESSOR
MASTER
MPEG2
DECODER
HDMI
RECEIVER/
REPEATER
HDMI SOURCE
SLAVE
TMDS clock
TMDS channel 0
TMDS channel 1
TMDS channel 2
hot plug detect
DDC (SCL and SDA)
CEC line
E-EDID
SLAVE ADDRESS A0
SLAVE
MASTER
MASTER
reset
digital video
(up to 24 bits)
sync signals
audio, S/PDIF and I2S-bus
IRQ
I2C-bus
I2C-bus
HDMI
TDA9983A
Table 5.
Abbreviations
Acronym
Description
CMOS
Complementary Metal-Oxide Semiconductor
DDC
Display Data Channel
DVI
Digital Visual Interface
HDCP
High-bandwidth Digital Content Protection
HBM
Human Body Model
HDMI
High-Definition Multimedia Interface
HPD
Hot Plug Detect
IRQ
Interrupt ReQuest
LV-TTL
Low-Voltage Transistor-Transistor Logic
OTP
One-Time Programmable


Numéro de pièce similaire - TDA9983A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9983BHW NXP-TDA9983BHW Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9983BHW/15/C1 NXP-TDA9983BHW/15/C1 Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9983BHW/8/C1 NXP-TDA9983BHW/8/C1 Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
More results

Description similaire - TDA9983A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
Hitachi Semiconductor
HM5216805 HITACHI-HM5216805 Datasheet
569Kb / 60P
   16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
logo
NXP Semiconductors
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
   1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
PCF85XXC-2 PHILIPS-PCF85XXC-2 Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com