Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA3664 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TDA3664
Description  Very low dropout voltage/quiescent current 5 V voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA3664 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TDA3664 Datasheet HTML 3Page - NXP Semiconductors TDA3664 Datasheet HTML 4Page - NXP Semiconductors TDA3664 Datasheet HTML 5Page - NXP Semiconductors TDA3664 Datasheet HTML 6Page - NXP Semiconductors TDA3664 Datasheet HTML 7Page - NXP Semiconductors TDA3664 Datasheet HTML 8Page - NXP Semiconductors TDA3664 Datasheet HTML 9Page - NXP Semiconductors TDA3664 Datasheet HTML 10Page - NXP Semiconductors TDA3664 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TDA3664_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 25 June 2007
7 of 16
NXP Semiconductors
TDA3664
Very low dropout voltage/quiescent current 5 V voltage regulator
Remark: In the event of using different types of capacitors, a minimum ESR needs to
be created by using an additional resistor that is placed in series with the output
capacitor, see Figure 4.
It is recommended not to use below 1 mA output current because of reduced phase
margin.
11.3 Application circuits
The maximum output current of the regulator equals:
When Tamb =21 °C, the maximum output current equals 140 mA at VP =14 V.
The total thermal resistance of the TDA3664 (SOT223-1 package) can be decreased to
lower values when pin 4 and body of the package are soldered to the printed-circuit board.
11.3.1 Application circuit with backup function
Sometimes, a backup function is needed to supply, for example, a microcontroller for a
short period of time when the supply voltage spikes to 0 V (or even
−1 V).
This function can easily be built with the TDA3664 by using a large output capacitor. When
the supply voltage is 0 V (or
−1 V), only a small current will flow into pin REG from this
large output capacitor (a few
µA).
The application circuit is given in Figure 4.
Table 8:
Minimum ESR values required
IREG (mA) max
C2 = 100 nF
C2=1
µF
C2=10
µF
C2 = 100
µF
1> 0
> 1.5
> 2.5
>0
5> 1
> 0.5
>1
>0
10
> 0
> 0.5
>4
>0
100
> 0
> 0.5
>4
>0
I
REG max
()
150
T
amb
R
th j
a
()
V
P
V
REG
()
×
----------------------------------------------------------
150
T
amb
100
V
P
5
()
×
------------------------------------ mA
()
==
(1) C1 is optional (to minimize supply noise only)
(2) C2
≤ 4700 µF
(3) VREG =5V
(4) For reliable operation, it is recommended to have a minimum ESR of 3
Ω of the output
capacitor total (see Figure 4 above) and to have a stable application independent of load
current, temperature or output capacitance.
Fig 4.
Application circuit with backup function (SO4 version)
014aaa089
VP
13
2, 4
VREG(3)
C1(1)
1
µF
C2(2)
TDA3664


Numéro de pièce similaire - TDA3664

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3664A PHILIPS-TDA3664A Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3664AT PHILIPS-TDA3664AT Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3664T PHILIPS-TDA3664T Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
More results

Description similaire - TDA3664

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3668AT PHILIPS-TDA3668AT Datasheet
84Kb / 16P
   Very low dropout voltage/quiescent current 5 V regulator with overvoltage switch off
2000 Feb 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com