Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI8221 Fiches technique(PDF) 8 Page - Silicon Laboratories

No de pièce SI8221
Description  0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8221 Fiches technique(HTML) 8 Page - Silicon Laboratories

Back Button SI8221 Datasheet HTML 4Page - Silicon Laboratories SI8221 Datasheet HTML 5Page - Silicon Laboratories SI8221 Datasheet HTML 6Page - Silicon Laboratories SI8221 Datasheet HTML 7Page - Silicon Laboratories SI8221 Datasheet HTML 8Page - Silicon Laboratories SI8221 Datasheet HTML 9Page - Silicon Laboratories SI8221 Datasheet HTML 10Page - Silicon Laboratories SI8221 Datasheet HTML 11Page - Silicon Laboratories SI8221 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Si8220/21
8
Rev. 0.22
Table 4. IEC 60664-1 (VDE 0844 Part 2) Ratings
Parameter
Test Conditions
Specification
NB SOIC8
WB SOIC 16
Basic isolation group
Material Group
IIIa
IIIa
Installation Classification
Rated Mains Voltages < 150 VRMS
I-IV
I-IV
Rated Mains Voltages < 300 VRMS
I-III
I-IV
Rated Mains Voltages < 400 VRMS
I-II
I-III
Rated Mains Voltages < 600 VRMS
I-II
I-III
Table 5. IEC 60747-5-2 Insulation Characteristics for Si82xxxC*
Parameter
Symbol
Test Condition
Characteristic
Unit
WB
SOIC-16
NB SOIC-8
Maximum Working Insulation
Voltage
VIORM
891
560
V peak
Input to Output Test Voltage
VPR
Method a
After Environmental Tests
Subgroup 1
(VIORM x1.6 = VPR, tm =60sec,
Partial Discharge < 5 pC)
1590
896
V peak
Method b1
(VIORM x1.875 =VPR, 100%
Production Test, tm = 1 sec,
Partial Discharge < 5 pC)
1375
1050
After Input and/or Safety Test
Subgroup 2/3
(VIORM x1.2 = VPR, tm =60sec,
Partial Discharge < 5 pC)
1018
672
Highest Allowable Overvoltage
(Transient Overvoltage,
tTR =10sec)
VTR
6000
4000
V peak
Pollution Degree
(DIN VDE 0110, Table 1)
22
Insulation Resistance at TS,
VIO =500 V
RS
>109
>109
*Note: This isolator is suitable for basic electrical isolation only within the safety limit data. Maintenance of the safety data is
ensured by protective circuits. The Si82xx provides a climate classification of 40/125/21.


Numéro de pièce similaire - SI8221

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI8221 SKYWORKS-SI8221 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8221CC-D-IS SKYWORKS-SI8221CC-D-IS Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8221DC-D-IS SKYWORKS-SI8221DC-D-IS Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
More results

Description similaire - SI8221

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
logo
Skyworks Solutions Inc.
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
logo
Texas Instruments
ISOM8710 TI-ISOM8710_V03 Datasheet
1Mb / 34P
[Old version datasheet]   ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED SEPTEMBER 2023
ISOM8710 TI1-ISOM8710_V02 Datasheet
1Mb / 30P
[Old version datasheet]   ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com