Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXMD63P03X Fiches technique(PDF) 3 Page - Zetex Semiconductors

No de pièce ZXMD63P03X
Description  DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMD63P03X Fiches technique(HTML) 3 Page - Zetex Semiconductors

  ZXMD63P03X Datasheet HTML 1Page - Zetex Semiconductors ZXMD63P03X Datasheet HTML 2Page - Zetex Semiconductors ZXMD63P03X Datasheet HTML 3Page - Zetex Semiconductors ZXMD63P03X Datasheet HTML 4Page - Zetex Semiconductors ZXMD63P03X Datasheet HTML 5Page - Zetex Semiconductors ZXMD63P03X Datasheet HTML 6Page - Zetex Semiconductors ZXMD63P03X Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0.1
10
100
0.0001
0.1
100
080
160
VDS - Drain-Source Voltage (V)
Safe Operating Area
0.1
10
100
DC
1s
100ms
D=0.1
D=0.2
120
60
D=0.05
0
Pulse Width (s)
Transient Thermal Impedance
1.4
0.8
0
T - Temperature (°)
Derating Curve
Refer Note (b)
Single Pulse
D=0.5
10ms
1ms
100us
Pulse Width (s)
100
40
80
20
0.01
10
0.001
1
160
80
0
0.0001
1000
0.001 0.01
0.1
1
10
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
D=0.05
Single Pulse
100
140
60
120
100
40
20
Refer Note (a)
1.2
0.6
1.0
0.4
0.2
60
140
20
40
100
120
10
10
Refer Note (a)
Refer Note (a)
Refer Note (b)
CHARACTERISTICS
51
ZXMD63P03X
PROVISIONAL ISSUE A - JULY 1999


Numéro de pièce similaire - ZXMD63P03X

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P03X DIODES-ZXMD63P03X Datasheet
345Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63P03XTA ZETEX-ZXMD63P03XTA Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P03XTA DIODES-ZXMD63P03XTA Datasheet
345Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63P03XTC ZETEX-ZXMD63P03XTC Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Description similaire - ZXMD63P03X

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
PJL9809 PANJIT-PJL9809 Datasheet
358Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
April 5,2017-REV.01
PJL9811 PANJIT-PJL9811 Datasheet
371Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
logo
Zetex Semiconductors
ZXMP3A16DN8 ZETEX-ZXMP3A16DN8 Datasheet
155Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A17DN8 DIODES-ZXMP3A17DN8 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A16DN8 DIODES-ZXMP3A16DN8_15 Datasheet
161Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X_05 Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 ZETEX-ZXMP3A17DN8 Datasheet
122Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P03X DIODES-ZXMD63P03X Datasheet
345Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3028LSD DIODES-DMP3028LSD_15 Datasheet
245Kb / 6P
   30V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 DIODES-ZXMP3A17DN8_15 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com