Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si3452-B01-GM Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce Si3452-B01-GM
Description  QUAD HIGH-VOLTAGE PORT CONTROLLER FOR POE AND POE PSES
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3452-B01-GM Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button Si3452-B01-GM Datasheet HTML 3Page - Silicon Laboratories Si3452-B01-GM Datasheet HTML 4Page - Silicon Laboratories Si3452-B01-GM Datasheet HTML 5Page - Silicon Laboratories Si3452-B01-GM Datasheet HTML 6Page - Silicon Laboratories Si3452-B01-GM Datasheet HTML 7Page - Silicon Laboratories Si3452-B01-GM Datasheet HTML 8Page - Silicon Laboratories Si3452-B01-GM Datasheet HTML 9Page - Silicon Laboratories Si3452-B01-GM Datasheet HTML 10Page - Silicon Laboratories Si3452-B01-GM Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Si3452/3
Rev. 1.0
7
Table 6. VOUT Drive and Power-on Specifications
Description
Symbol
Test Conditions
Min
Typ
Max
Unit
Max output resistance
(port on)
RON
IPort ≤ 720 mA
0.3
0.6
Current limit
ILIM
1x mode, Vport =VEE + 1 V
400
425
450
mA
Change in current limit
I
LIM
1x mode, Vport =VEE + 1V to –30V
1
–2
2
%
Current limit
ILIM
2x mode, Vport =VEE + 1 V
800
860
920
mA
Change in current limit
I
LIM
2x mode, Vport =VEE + 1V to –40V
2
–2
2
%
Current limit
ILIM
1x mode or 2x mode, Vport =–10 V
60
mA
Overload current
threshold
ICUT
Class 0
Class 1 (class policing enabled)3
Class 2 (class policing enabled)3
Class 3
Class 44
350
91
160
350
600
mA
Over current time limit5
TOVLD
Load current
≥ I
CUT or ILIM
50
75
ms
VOUTn turn-on slew
TRISE
10% to 90%
15
70
µs
Power turn on timing
TPON
Time from end of valid detect to
power on
——
400
ms
VOUTn leakage current
IOUT_LEAK
Port in shutdown
10
µA
Notes:
1. TJ >25 °C, –35 V over the full temperature range.
2. 1x mode current limit is enforced during the 60 ms TSTART time.
3. In auto mode, class policing is automatically enabled. In manual mode, ICUT must be programmed manually.
See "5.4. Port Configuration (Registers 0x0A–0x11)" on page 18 for more information.
4. 600 mA is consistent with the IEEE 802.3at draft standard. ICUT is user-programmable in 3.2 mA increments to over
800 mA for non-standard applications.
5. For 2x mode and extreme overload or short-circuit events, TOVLD will dynamically decrease to prevent excessive FET
heating. This is consistent with the 802.3at draft.
Table 7. DC- and dV/dt Disconnect Specifications
Description
Symbol
Test Conditions
Min
Typ
Max
Unit
Load current to prevent
disconnect
ION
10
mA
Load current to
guarantee disconnect
IOFF
dc disconnect
5
mA
dV/dt disconnect
2
mA
Disconnect delay
TDCDV_DLY
Time from IOFF load current to port
turn off
300
400
ms


Numéro de pièce similaire - Si3452-B01-GM

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3451DV VISHAY-SI3451DV Datasheet
113Kb / 7P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 30-Jul-07
SI3451DV-T1-E3 VISHAY-SI3451DV-T1-E3 Datasheet
113Kb / 7P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 30-Jul-07
logo
VBsemi Electronics Co.,...
SI3451DV-T1-GE3 VBSEMI-SI3451DV-T1-GE3 Datasheet
450Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3453DV VISHAY-SI3453DV Datasheet
257Kb / 11P
   P-Channel 30 V (D-S) MOSFET
09-Jul-2021
SI3453DV VISHAY-SI3453DV Datasheet
233Kb / 10P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - Si3452-B01-GM

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266C LINER-LTC4266C_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
   8-Port PoE/PoE PSE Controller
LTC4270 LINER-LTC4270_12 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
   8-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
   Single Port PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com