Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE24C04.08A Fiches technique(PDF) 3 Page - ACE Technology Co., LTD.

No de pièce ACE24C04.08A
Description  Two-wire Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C04.08A Fiches technique(HTML) 3 Page - ACE Technology Co., LTD.

  ACE24C04.08A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
 
                                                                                                      
ACE24C04.08A
                        Technology
Two-wire Serial EEPROM
VER 1.2
3
Ordering Information
Selection Guide
ACE24C04/08A XX +
X
H
Pin Description
Serial Clock (SCL):
The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock
data out of each device.
Serial Data (SDA):
The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be
wire-ORed with any number of other open-drain or open-collector devices.
Device/Page Addresses (A2,A1)
The ACE24C04A uses the A2 and A1 inputs for hard wire addressing and a total of four 4K devices
may be addressed on a single bus system. The A0 pin is a no connect and can be connected to
ground (device addressing is discussed in detail under the Device Addressing section).
The ACE24C08A only uses the A2 input for hardware addressing and total of two 8K devices may be
addressed on a single bus system. The A0 and A1 pins are no connects and can be connected to
ground (device addressing is discussed in detail under the Device Addressing section).
Write Protect (WP):
The ACE24C04/08A has a Write Protect pin that provides hardware data protection. The Write Protect pin
allows normal read/write operations when connected to ground (GND). When the Write Protect pin is conceded
to Vcc the write protection feature is enabled.
Write Protect Description
Part of the Array Protected
WP Pin Status
ACE24C04A
ACE24C08A
WP=VCC
Full (4K) Array
Full (8K) Array
WP=GND
Normal Read / Write Operations
Pb - free
U : Tube
T : Tape and Reel
DP : PDIP-8
FM : SOP-8
TM : TSSOP-8
Halogen - free


Numéro de pièce similaire - ACE24C04.08A

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE24C04.08A ACE-ACE24C04.08A_11 Datasheet
607Kb / 15P
   Two-wire Serial EEPROM
VER 1.5
More results

Description similaire - ACE24C04.08A

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com