Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54596-1810 Fiches technique(PDF) 1 Page - MolexKits

No de pièce 54596-1810
Description  IDT SMT Right Angle Header and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEXKITS [MolexKits]
Site Internet  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

54596-1810 Fiches technique(HTML) 1 Page - MolexKits

  54596-1810 Datasheet HTML 1Page - MolexKits 54596-1810 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0139
Features and Benefits
Applications
• Security devices
• Car audio, car multimedia, car HVAC
• Office equipment
• Set-up boxes
• 1.5 amps meets office automation
standards
• Internal positive lock for secure retention
• IDT housing for cost effective termination
Right Angle
Mini Mi II™ wire harness system is designed for high-density harness applications.
Mini Mi II provides the same 1.5 amperes of current as similar 2.00mm (.079") pitch
systems, but in a more compact design. Molex's Integrated Product Division
provides the new Mini MiII system in both wire-to-board and wire-to-wire options
with different custom lengths and wire configurations enabling multi-branch
harnessing configurations, similar to Molex's existing 2.00mm (.079") pitch MiII
system. The system saves about 45% of PCB space compared to 2.00mm MiII.
Mini MiII is available in 2 to 40 circuits in single/dual row and SMT/through-hole
styles.
Voltage:
2, 4, 7, 12, 18 and 20
Current Rating:
1.5 Amps
General Information
Molex / Waldom
Wire-to-Board
1.25mm (.049")
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
Design
Configuration:
76650-0139
Manufacturer:
Country of Origin:
Mini Mi II™
Certificates:
IDT SMT Right Angle Header and Receptacle
(Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Title:
Mini Mi II Connector Kit
Specifications
Product Highlights
Wire size:
100 Volts
28-26 AWG
Circuit Sizes:
Pitch:
Mounting
Orientation:
Connector Type:
Surface Mount Headers and IDT Receptacles
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Numéro de pièce similaire - 54596-1810

FabricantNo de pièceFiches techniqueDescription
logo
MolexKits
54596-1810 MOLEXKITS-54596-1810 Datasheet
42Kb / 2P
   IDT Panel Mount Adaptor and Receptacle
54596-1810 MOLEXKITS-54596-1810 Datasheet
43Kb / 2P
   IDT SMT Vertical Header and Receptacle
54596-1810 MOLEXKITS-54596-1810 Datasheet
43Kb / 2P
   IDT Through Hole Vertical Header and Receptacle
54596-1810 MOLEXKITS-54596-1810 Datasheet
44Kb / 2P
   IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
logo
Molex Electronics Ltd.
54596-1810 MOLEX7-54596-1810 Datasheet
117Kb / 3P
   MINI MI2 REC. ASSY (SN)
More results

Description similaire - 54596-1810

FabricantNo de pièceFiches techniqueDescription
logo
MolexKits
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0122 MOLEXKITS-76650-0122 Datasheet
42Kb / 2P
   Right Angle Header and IDT Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0123 MOLEXKITS-76650-0123 Datasheet
42Kb / 2P
   SMT Vertical Header and IDT Receptacle
76650-0137 MOLEXKITS-76650-0137 Datasheet
43Kb / 2P
   IDT SMT Vertical Header and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0140 MOLEXKITS-76650-0140 Datasheet
44Kb / 2P
   IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
76650-0127 MOLEXKITS-76650-0127 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
76650-0121 MOLEXKITS-76650-0121 Datasheet
38Kb / 2P
   IDT Board-In Right Angle Receptacle Header
76650-0129 MOLEXKITS-76650-0129 Datasheet
44Kb / 2P
   SMT Friction Lock Vertical and Right Angle Header and Receptacle
More results


Html Pages

1 2