Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54548-1270 Fiches technique(PDF) 3 Page - MolexKits

No de pièce 54548-1270
Description  Ultra Low Profile SMT ZIF Right Angle Receptacle and Premo-Flex Cable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEXKITS [MolexKits]
Site Internet  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

54548-1270 Fiches technique(HTML) 3 Page - MolexKits

  54548-1270 Datasheet HTML 1Page - MolexKits 54548-1270 Datasheet HTML 2Page - MolexKits 54548-1270 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0005
Molex Part No.
Quantity in
Kit
21020-0055
2
21020-0077
2
21020-0099
2
21020-0121
2
21020-0143
2
21020-0165
2
54548-0670
5
54548-1270
5
54548-1670
5
54550-0694
5
54550-0894
5
54550-1094
5
54550-1494
5
Japan
Japan
0.5mm FPC Connector R/A, Bottom Style, 12 CKT, ZIF, Low
Profile
0.5mm FPC Connector R/A, Bottom Style, 16 CKT, ZIF, Low
Profile
0.5mm FPC Connector R/A, Top Style, 6 CKT, ZIF, Low
Profile
0.5mm FPC Connector R/A, Top Style, 10 CKT, ZIF, Low
Profile
USA
Japan
Japan
Japan
No Recommended Molex Tool for Part No. 76650-0005
0.5mm FFC Jumper, 12 Circuit, 3" long
0.5mm FFC Jumper, 14 Circuit, 3" long
0.5mm FFC Jumper, 16 Circuit, 3" long
0.5mm FPC Connector R/A, Bottom Style, 6 CKT, ZIF, Low
Profile
Japan
USA
USA
0.5mm FPC Connector R/A, Top Style, 8 CKT, ZIF, Low
Profile
USA
Japan
USA
Description
Bill of Materials for Part No. 76650-0005
0.5mm FFC Jumper, 6 Circuit, 3" long
0.5mm FFC Jumper, 8 Circuit, 3" long
0.5mm FFC Jumper, 10 Circuit, 3" long
0.5mm FPC Connector R/A, Top Style, 14 CKT, ZIF, Low
Profile
USA
Country
of Origin
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 3 of 3


Numéro de pièce similaire - 54548-1270

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
54548-1270 MOLEX11-54548-1270 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT
More results

Description similaire - 54548-1270

FabricantNo de pièceFiches techniqueDescription
logo
MolexKits
76650-0004 MOLEXKITS-76650-0004 Datasheet
38Kb / 2P
   Ultra Low Profile SMT ZIF Right Angle Receptacle
76650-0165 MOLEXKITS-76650-0165 Datasheet
39Kb / 3P
   Ultra Low Profile SMT Right Angle Header and Receptacle
logo
AVX Corporation
6212 AVX-6212 Datasheet
66Kb / 2P
   ZIF Right Angle SMT (Top Contact)
logo
Molex Electronics Ltd.
0022153113 MOLEX2-0022153113 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 11 Circuits
0022153063 MOLEX2-0022153063 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 6 Circuits
0022153133 MOLEX2-0022153133 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 13 Circuits
0022153203 MOLEX2-0022153203 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 20 Circuits
0022153103 MOLEX2-0022153103 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 10 Circuits
0022153213 MOLEX2-0022153213 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 21 Circuits
0022153073 MOLEX2-0022153073 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 7 Circuits
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com