Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN103 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FAN103
Description  Primary-Side-Regulation PWM Controller (PWM-PSR)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN103 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FAN103_10 Datasheet HTML 1Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 2Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 3Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 4Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 5Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 6Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 7Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 8Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN103 • Rev. 1.0.3
5
Electrical Characteristics
Unless otherwise specified, VDD=15V and TA=25
°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD Section
VOP
Continuously Operating Voltage
25
V
VDD-ON
Turn-On Threshold Voltage
15
16
17
V
VDD-OFF
Turn-Off Threshold Voltage
4.5
5.0
5.5
V
IDD-OP
Operating Current
3.2
5.0
mA
IDD-GREEN
Green-Mode Operating Supply Current
0.95
1.20
mA
VDD-OVP
VDD Over-Voltage Protection Level
28
V
VDD-OVP-
HYST
Hysteresis Voltage for VDD OVP
1.5
2.0
2.5
V
tD-VDDOVP
VDD Over-Voltage-Protection Debounce Time
90
200
350
µs
HV Startup Current Source Section
VHV-MIN
Minimum Startup Voltage on HV Pin
50
V
IHV
Supply Current Drawn from Pin HV
VDC=100V
1.2
3.0
mA
IHV-LC
Leakage Current after Startup
HV=500V, VDD=VDD-
OFF +1V
0.5
3.0
µA
Oscillator Section
fOSC
Frequency
Center Frequency
47
50
53
kHz
Frequency Hopping Range
±1.5
±2.0
±2.5
tFHR
Frequency Hopping Period
3
ms
fOSC-N-MIN Minimum Frequency at No-Load
370
Hz
fOSC-CM-MIN Minimum Frequency at CCM
13
kHz
fDV
Frequency Variation vs. VDD Deviation
VDD=10~25V
1
2
%
fDT
Frequency Variation vs. Temperature
Deviation
TA=-40°C to +105°C
15
%
Voltage-Error-Amplifier Section
VVR
Reference Voltage
2.475
2.500
2.525
V
VN
Green-Mode Starting Voltage on EA_V
fOSC=-2kHz
2.5
V
VG
Green-Mode Ending Voltage on EA_V
fOSC=1kHz
0.5
V
Voltage-Sense Section
VBIAS-COMV Adaptive Bias Voltage Dominated by VCOMV
RVS=20kΩ
1.4
V
Itc
IC Bias Current
10
µA
Current-Sense Section
tPD
Propagation Delay to GATE Output
90
200
ns
tMIN-N
Minimum On Time at No-Load
VCOMR=1V
950
ns
VTH
Threshold Voltage for Current Limit
0.8
V
VTL
Threshold Voltage on VS Pin Smaller than
0.5V
0.25
V
Continued on the following page…


Numéro de pièce similaire - FAN103_10

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN103MY FAIRCHILD-FAN103MY Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results

Description similaire - FAN103_10

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
AN-6067 FAIRCHILD-AN-6067 Datasheet
939Kb / 21P
   Design and Application of Primary-Side Regulation (PSR) PWM Controller
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL6630 ONSEMI-FL6630 Datasheet
453Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
May 2015 Rev. 1.0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
FL7734 ONSEMI-FL7734 Datasheet
380Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
November 2014 Rev. 1.0
logo
List of Unclassifed Man...
DP2525 ETC-DP2525 Datasheet
490Kb / 11P
   Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
logo
ON Semiconductor
FL7730 ONSEMI-FL7730 Datasheet
896Kb / 15P
   Single-Stage Primary-Side-Regulation PWM Controller
October 2012 Rev. 1.0.8
logo
Fairchild Semiconductor
FL103 FAIRCHILD-FL103 Datasheet
1Mb / 14P
   Primary-Side-Regulation PWM Controller for LED Illumination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com