Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79516DCQG4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS79516DCQG4
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS79516DCQG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS79516DCQG4 Datasheet HTML 2Page - Texas Instruments TPS79516DCQG4 Datasheet HTML 3Page - Texas Instruments TPS79516DCQG4 Datasheet HTML 4Page - Texas Instruments TPS79516DCQG4 Datasheet HTML 5Page - Texas Instruments TPS79516DCQG4 Datasheet HTML 6Page - Texas Instruments TPS79516DCQG4 Datasheet HTML 7Page - Texas Instruments TPS79516DCQG4 Datasheet HTML 8Page - Texas Instruments TPS79516DCQG4 Datasheet HTML 9Page - Texas Instruments TPS79516DCQG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
1
10
100
1 k
10 k
100 k 1 M
10 M
VIN = 4 V
COUT = 2.2 µF
CNR = 0.01 µF
IOUT = 1 mA
IOUT = 500 mA
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1
10
100
1 k
10 k
100 k 1 M 10 M
IOUT = 500 mA
IOUT = 1 mA
VIN = 4 V
COUT = 2.2 µF
CNR = 0.1 µF
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1
10
100
1 k
10 k
100 k 1 M
10 M
VIN = 4 V
COUT = 10 µF
CNR = 0.01 µF
IOUT = 1 mA
IOUT = 500 mA
Frequency (Hz)
3
4
5
0
50
100
150
200
−10
0
10
20
30
t (
µs)
COUT = 10 µF, CNR = 0.01 µF,
IOUT = 0.5 A, dv/dt = 1 V/µs
−20
0
0.25
0.50
0.75
1
1.25
1.50
1.75
2
2.75
3
0
100
200
300
400
600
Enable
t (
µs)
VIN = 4 V
COUT = 10 µF
IOUT = 0.5 A
CNR = 0.01 µF
CNR = 0.001 µF
CNR = 0.0047 µF
500
2.25
2.50
2
3
4
0
50
100
150
200
−20
−10
0
10
20
t (
µs)
COUT = 10 µF, CNR = 0.01 µF,
IOUT = 0.5 A, dv/dt = 1 V/µs
−0.5
0
0.5
0
200
400
600
800
1000
−40
−20
0
40
t (
µs)
COUT = 10 µF, CNR = 0.01 µF,
VL = 3.8 V, dv/dt = 0.5 A/µs
20
−60
60
Time (
µs)
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VIN
VOUT
VOUT = 2.5 V,
RL = 10 Ω
400
0
800
1200
1600
2000
0
20
40
60
80
100
120
140
160
180
0
100
200
300
400
500
TJ = 125°C
TJ = 25°C
TJ = −40°C
IOUT (mA)
TPS795xx
SLVS350G – OCTOBER 2002 – REVISED JULY 2006
TYPICAL CHARACTERISTICS (continued)
TPS79530
TPS79530
TPS79530
RIPPLE REJECTION
RIPPLE REJECTION
RIPPLE REJECTION
vs FREQUENCY
vs FREQUENCY
vs FREQUENCY
Figure 10.
Figure 11.
Figure 12.
TPS79530
TPS79518
TPS79530
START-UP TIME
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 13.
Figure 14.
Figure 15.
TPS79530
TPS79530
TPS79525
DROPOUT VOLTAGE
LOAD TRANSIENT RESPONSE
POWER UP/POWER DOWN
vs OUTPUT CURRENT
Figure 16.
Figure 17.
Figure 18.
6
Submit Documentation Feedback


Numéro de pièce similaire - TPS79516DCQG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79516DCQG4 TI1-TPS79516DCQG4 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
More results

Description similaire - TPS79516DCQG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI1-TPS795_16 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com