Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79516DCQ Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS79516DCQ
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS79516DCQ Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS79516DCQ Datasheet HTML 7Page - Texas Instruments TPS79516DCQ Datasheet HTML 8Page - Texas Instruments TPS79516DCQ Datasheet HTML 9Page - Texas Instruments TPS79516DCQ Datasheet HTML 10Page - Texas Instruments TPS79516DCQ Datasheet HTML 11Page - Texas Instruments TPS79516DCQ Datasheet HTML 12Page - Texas Instruments TPS79516DCQ Datasheet HTML 13Page - Texas Instruments TPS79516DCQ Datasheet HTML 14Page - Texas Instruments TPS79516DCQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
T
J
+ TA ) PD max
RθJA
(6)
RθJA +
T
J
* TA
P
D max
(7)
P
D max
+ (3.3 * 2.5) V
1A + 800mW
(8)
RθJA max + (125 * 55)°C 800mW + 87.5°C W
0
100
120
140
160
180
No Air Flow
80
60
40
20
0.1
1
10
PCB Copper Area (in2)
SOT223 POWER DISSIPATION
0
1
2
3
6
0
25
50
75
100
150
125
TA = 25°C
TA − Ambient Temperature (°C)
4
5
4 in2 PCB Area
0.5 in2 PCB Area
TPS795xx
SLVS350G – OCTOBER 2002 – REVISED JULY 2006
Equation 5 simplifies into Equation 6:
To illustrate, the TPS79525 in a SOT223 package
was chosen. For this example, the average input
voltage is 3.3 V, the output voltage is 2.5 V, the
Rearranging Equation 6 gives Equation 7:
average
output
current
is
1
A,
the
ambient
temperature 55
°C, no air flow is present, and the
operating environment is the same as documented
below.
Neglecting
the
quiescent
current,
the
maximum average power is Equation 8:
Using Equation 6 and the computer model generated
curves shown in Figure 26, a designer can quickly
compute
the
required
heatsink
thermal
Substituting TJmax for TJ into Equation 4 gives
resistance/board
area
for
a
given
ambient
Equation 9:
temperature,
power
dissipation,
and
operating
environment.
(9)
From Figure 26, RθJA vs PCB Copper Area, the
ground plane needs to be 0.55 in2 for the part to
dissipate 800 mW. The operating environment used
to construct Figure 26 consisted of a board with 1 oz.
copper planes. The package is soldered to a 1 oz.
copper pad on the top of the board. The pad is tied
through thermal vias to the 1 oz. ground plane.
From the data in Figure 26 and rearranging equation
6, the maximum power dissipation for a different
ground
plane
area
and
a
specific
ambient
temperature
can
be
computed,
as
shown
in
Figure 27.
Figure 26. SOT223 Thermal Resistance vs PCB
Copper Area
The SOT223 package provides an effective means
of managing power dissipation in surface-mount
applications. The SOT223 package dimensions are
provided in the Mechanical Data section at the end
of the data sheet. The addition of a copper plane
directly underneath the SOT223 package enhances
the thermal performance of the package.
Figure 27. SOT223 Maximum Power Dissipation
vs Ambient Temperature
11
Submit Documentation Feedback


Numéro de pièce similaire - TPS79516DCQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79516DCQ TI-TPS79516DCQ Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79516DCQ TI1-TPS79516DCQ Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79516DCQG4 TI1-TPS79516DCQG4 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79516DCQR TI-TPS79516DCQR Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79516DCQR TI1-TPS79516DCQR Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
More results

Description similaire - TPS79516DCQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI1-TPS795_16 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com