Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM75A Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce LM75A
Description  Digital temperature sensor and thermal watchdog
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75A Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button LM75A Datasheet HTML 4Page - NXP Semiconductors LM75A Datasheet HTML 5Page - NXP Semiconductors LM75A Datasheet HTML 6Page - NXP Semiconductors LM75A Datasheet HTML 7Page - NXP Semiconductors LM75A Datasheet HTML 8Page - NXP Semiconductors LM75A Datasheet HTML 9Page - NXP Semiconductors LM75A Datasheet HTML 10Page - NXP Semiconductors LM75A Datasheet HTML 11Page - NXP Semiconductors LM75A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LM75A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 10 July 2007
8 of 24
NXP Semiconductors
LM75A
Digital temperature sensor and thermal watchdog
When reading register Temp, all 16 bits of the two data bytes (MSByte and LSByte) are
provided to the bus and must be all collected by the controller to complete the bus
operation. However, only the 11 most significant bits should be used, and the 5 least
significant bits of the LSByte are zero and should be ignored. One of the ways to calculate
the Temp value in
°C from the 11-bit Temp data is:
1. If the Temp data MSByte bit D10 = 0, then the temperature is positive and Temp value
(
°C) = +(Temp data) × 0.125 °C.
2. If the Temp data MSByte bit D10 = 1, then the temperature is negative and
Temp value (
°C) = −(2’s complement of Temp data) × 0.125 °C.
Examples of the Temp data and value are shown in Table 10.
Obviously, for 9-bit Temp data application in replacing the industry standard LM75, just
use only 9 MSB bits of the two bytes and disregard 7 LSB of the LSByte. The 9-bit Temp
data with 0.5
°C resolution of the LM75A is defined exactly in the same way as for the
standard LM75 and it is here similar to the Tos and Thyst registers.
7.4.4 Overtemperature shutdown threshold (Tos) and hysteresis (Thyst) registers
These two registers, are write/read registers, and also called set-point registers. They are
used to store the user-defined temperature limits, called overtemperature shutdown
threshold (Tos) and hysteresis temperature (Thyst), for the device watchdog operation. At
the end of each conversion the Temp data will be compared with the data stored in these
two registers in order to set the state of the device OS output; see Section 7.1.
Each of the set-point registers contains two 8-bit data bytes consisting of one MSByte and
one LSByte the same as register Temp. However, only 9 bits of the two bytes are used to
store the set-point data in 2’s complement format with the resolution of 0.5
°C. Table 11
and Table 12 show the bit arrangement of the Tos data and Thyst data in the data bytes.
Notice that because only 9-bit data are used in the set-point registers, the device uses
only the 9 MSB of the Temp data for data comparison.
Table 10.
Temp register value
11-bit binary
(2’s complement)
Hexadecimal value
Decimal value
Value
011 1111 1000
3F8
1016
+127.000
°C
011 1111 0111
3F7
1015
+126.875
°C
011 1111 0001
3F1
1009
+126.125
°C
011 1110 1000
3E8
1000
+125.000
°C
000 1100 1000
0C8
200
+25.000
°C
000 0000 0001
001
1
+0.125
°C
000 0000 0000
000
0
0.000
°C
111 1111 1111
7FF
−1
−0.125 °C
111 0011 1000
738
−200
−25.000 °C
110 0100 1001
649
−439
−54.875 °C
110 0100 1000
648
−440
−55.000 °C


Numéro de pièce similaire - LM75A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75A NXP-LM75A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
NXP Semiconductors
LM75AD PHILIPS-LM75AD Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
More results

Description similaire - LM75A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
logo
STMicroelectronics
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75 Datasheet
320Kb / 38P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com