Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS449R Fiches technique(PDF) 1 Page - Honeywell Solid State Electronics Center

No de pièce SS449R
Description  Unipolar Hall-Effect Digital Position Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS449R Fiches technique(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS449R Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS449R Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS449R Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS449R Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS340RT and SS440R
Series
Unipolar Hall-Effect Digital
Position Sensors
DESCRIPTION
The SS340RT Series and SS440R Series sensors are small,
versatile digital Hall-effect devices that are operated by the
magnetic field from a permanent magnet or an electromagnet.
They are designed to respond to a single pole: North
(SS340RT Series) or South (SS440R Series).
These unipolar sensors are supplied in three different magnetic
sensitivities to meet a wide range of potential applications. The
SS341RT and SS441R offer the highest sensitivity, with a
typical operating point of 85 G at 25 °C [77 °F]; the SS343RT
and SS443R offer medium sensitivity with 125 G typical at
25 °C [77 °F]; the SS349RT and SS449R offer the lowest
sensitivity, requiring 350 G typical to operate at 25 °C [77 °F].
These sensors are available in two package styles. The
SS340RT Series is available in the miniature SOT-23 surface
mount package; the SS440R is available in the leaded, flat TO-
92-style package. The SS340RT’s small size requires less PC
board space, allowing it to be used in smaller assemblies. Its
3 V capability allows for use in low voltage applications,
promoting energy efficiency.
The SS340RT Series is available on tape and reel (3000 units
per reel); the SS440R Series is available in a bulk package
(1000 units per bag).
FEATURES/BENEFITS
Subminiature package size (SS340RT Series) supplied on
tape and reel allows for a compact design with automated
component placement, helping to reduce manufacturing
costs
Simple activation from a single pole and multiple magnetic
sensitivities (high, medium and low) make this product
suitable in a variety of potential motion control, lid closure
detection, and displacement sensing applications
Low voltage 3 V capability helps reduce power
consumption
Built-in reverse polarity protection protects the device from
potential damage during installation
Thermally balanced integrated circuit provides for stable
operation over a wide temperature range, from -40 °C to
150 °C [-40 °F to 302 °F]
RoHS-compliant materials meet Directive 2002/95/EC
POTENTIAL APPLICATIONS
Door or lid closure detection
Speed and RPM (revolutions per minute) sensing in
fitness equipment
Flow rate sensing in industrial processes, appliances, or
water softeners
Damper or valve position control in industrial, HVAC or
residential or commercial applications
Robotic control (cylinder position monitoring)
Float-based fluid level sensing
Displacement sensor in hospital beds or medical
equipment
Medication bin monitor on portable drug carts
Printer head position sensing


Numéro de pièce similaire - SS449R

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
SS4490 SENSITRON-SS4490 Datasheet
91Kb / 2P
   Zener 1.5W DIODE
SS4490US SENSITRON-SS4490US Datasheet
91Kb / 2P
   Zener 1.5W DIODE
SS4491 SENSITRON-SS4491 Datasheet
91Kb / 2P
   Zener 1.5W DIODE
SS4491US SENSITRON-SS4491US Datasheet
91Kb / 2P
   Zener 1.5W DIODE
SS4492 SENSITRON-SS4492 Datasheet
91Kb / 2P
   Zener 1.5W DIODE
More results

Description similaire - SS449R

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Solid State E...
SS351AT HONEYWELL-SS351AT Datasheet
433Kb / 4P
   Omnipolar Hall-effect Digital Position Sensors
logo
Honeywell Accelerometer...
SS551AT HONEYWELL-ACC-SS551AT Datasheet
432Kb / 4P
   Omnipolar Hall-effect Digital Position Sensors
logo
Honeywell Solid State E...
SS345PT HONEYWELL-SS345PT Datasheet
431Kb / 4P
   Unipolar Hall-Effect Digital Position Sensors With Built-in Pull-up Resistor
logo
SEC Electronics Inc.
S3144 SECELECTRONICS-S3144_13 Datasheet
235Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS118_1311 SECELECTRONICS-SS118_1311 Datasheet
178Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS441_1311 SECELECTRONICS-SS441_1311 Datasheet
181Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS657_1311 SECELECTRONICS-SS657_1311 Datasheet
200Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS1103 SECELECTRONICS-SS1103 Datasheet
163Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
   Unipolar Hall-Effect Digital Switch
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com