Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40303DRCR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40303DRCR
Description  3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40303DRCR Fiches technique(HTML) 2 Page - Texas Instruments

  TPS40303DRCR Datasheet HTML 1Page - Texas Instruments TPS40303DRCR Datasheet HTML 2Page - Texas Instruments TPS40303DRCR Datasheet HTML 3Page - Texas Instruments TPS40303DRCR Datasheet HTML 4Page - Texas Instruments TPS40303DRCR Datasheet HTML 5Page - Texas Instruments TPS40303DRCR Datasheet HTML 6Page - Texas Instruments TPS40303DRCR Datasheet HTML 7Page - Texas Instruments TPS40303DRCR Datasheet HTML 8Page - Texas Instruments TPS40303DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS40303, TPS40304, TPS40305
SLUS964 – NOVEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
OPERATING FREQUENCY
PACKAGE
TAPE AND REEL QUANTITY
PART NUMBER
250
TPS40305DRCT
1.2 MHz
3000
TPS40305DRCR
250
TPS40304DRCT
600 kHz
Plastic 10-Pin SON (DRC)
3000
TPS40304DRCR
250
TPS40303DRCT
300 kHz
3000
TPS40303DRCR
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VDD
–0.3 to 22
V
SW
–3 to 27
V
SW (< 100 ns pulse width, 10 µJ)
–5
V
BOOT
–0.3 to 30
V
HDRV
–5 to 30
V
BOOT-SW, HDRV-SW (differential from BOOT or HDRV to SW)
–0.3 to 7
V
COMP, PGOOD, FB, BP, LDRV, EN/SS
–0.3 to 7
V
TJ
Operating junction temperature range
–40 to 145
°C
Tstg
Storage temperature
–55 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other condition beyond those included under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods of time may affect device reliability.
DISSIPATION RATINGS
RθJA HIGH-K BOARD
(1)
POWER RATING (W)
POWER RATING (W)
PACKAGE
AIRFLOW (LFM)
(°C/W)
TA = 25°C
TA = 85°C
0 (Natural Convection)
47.9
2.08
0.835
10-Pin SON (DRC)
200
40.5
2.46
0.987
400
38.2
2.61
1.04
(1)
Ratings based on JEDEC High Thermal Conductivity (High K) Board. For more information on the test method, see TI technical brief
(SZZA017).
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VDD
Input voltage
3
20
V
TJ
Operating junction temperature
–40
125
°C
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
MIN
TYP
MAX
UNIT
Human body model (HBM)
2000
V
Charge device model (CDM)
1500
V
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS40303 TPS40304 TPS40305


Numéro de pièce similaire - TPS40303DRCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
More results

Description similaire - TPS40303DRCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com