Moteur de recherche de fiches techniques de composants électroniques |
|
TPS2552DBVT Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
TPS2552DBVT Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 31 page ABSOLUTE MAXIMUM RATINGS DISSIPATION RATING TABLE TPS2552 TPS2553, TPS2552-1, TPS2553-1 SLVS841C – NOVEMBER 2008 – REVISED SEPTEMBER 2009...................................................................................................................................... www.ti.com This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C, Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than maximum-rated voltages to these high-impedance circuits. During storage or handling the device leads should be shorted together or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriate logic voltage level, preferably either VCC or ground. Specific guidelines for handling devices of this type are contained in the publication Guidelines for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments. AVAILABLE OPTIONS AND ORDERING INFORMATION AMBIENT RECOMMENDED MAXIMUM SON (3) SOT23(3) CURRENT-LIMIT DEVICE(1) ENABLE TEMPERATURE CONTINUOUS LOAD PROTECTION (DRV) (DBV) (2) CURRENT(2) TPS2552 Active low TPS2552DRV TPS2552DBV Constant-Current TPS2553 Active high TPS2553DRV TPS2553DBV –40°C to 85°C 1.5 A TPS2552-1 Active low TPS2552DRV-1 TPS2552DBV-1 Latch-Off TPS2553-1 Active high TPS2553DRV-1 TPS2553DBV-1 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (2) Maximum ambient temperature is a function of device junction temperature and system level considerations, such as load current, power dissipation and board layout. See dissipation rating table and recommended operating conditions for specific information related to these devices. (3) Add an R suffix to the device type for tape and reel. over operating free-air temperature range unless otherwise noted (1) (2) VALUE UNIT Voltage range on IN, OUT, EN or EN, ILIM, FAULT –0.3 to 7 V Voltage range from IN to OUT –7 to 7 V IO Continuous output current Internally Limited See the Dissipation Rating Continuous total power dissipation Table Continuous FAULT sink current 25 mA ILIM source current 1 mA HBM 2 kV ESD CDM 500 V TJ Maximum junction temperature –40 to 150 °C Tstg Storage temperature –65 to 150 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Voltages are referenced to GND unless otherwise noted. THERMAL THERMAL TA ≤ 25°C DERATING TA = 70°C TA = 85°C RESISTANCE RESISTANCE BOARD PACKAGE POWER FACTOR ABOVE POWER POWER θ JA θ JC RATING TA = 25°C RATING RATING Low-K(1) DBV 350°C/W 55°C/W 285 mW 2.85 mW/°C 155 mW 114 mW High-K(2) DBV 160°C/W 55°C/W 625 mW 6.25 mW/°C 340 mW 250 mW Low-K(1) DRV 140°C/W 20°C/W 715 mW 7.1 mW/°C 395 mW 285 mW High-K(2) DRV 75°C/W 20°C/W 1330 mW 13.3 mW/°C 730 mW 530 mW (1) The JEDEC low-K (1s) board used to derive this data was a 3in × 3in, two-layer board with 2-ounce copper traces on top of the board. (2) The JEDEC high-K (2s2p) board used to derive this data was a 3in × 3in, multilayer board with 1-ounce internal power and ground planes and 2-ounce copper traces on top and bottom of the board. 2 Submit Documentation Feedback Copyright © 2008–2009, Texas Instruments Incorporated Product Folder Link(s): TPS2552 TPS2553 TPS2552-1 TPS2553-1 |
Numéro de pièce similaire - TPS2552DBVT |
|
Description similaire - TPS2552DBVT |