Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZRB500 Fiches technique(PDF) 1 Page - Zetex Semiconductors

No de pièce ZRB500
Description  PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRB500 Fiches technique(HTML) 1 Page - Zetex Semiconductors

  ZRB500 Datasheet HTML 1Page - Zetex Semiconductors ZRB500 Datasheet HTML 2Page - Zetex Semiconductors ZRB500 Datasheet HTML 3Page - Zetex Semiconductors ZRB500 Datasheet HTML 4Page - Zetex Semiconductors ZRB500 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DEVICE DESCRIPTION
The ZRB500 uses a bandgap circuit design to
achieve a precision micropower voltage
reference of 5.0 volts. The device is available in
small outline surface mount packages, ideal for
applications where space saving is important,
as well as packages for through hole
requirements.
The ZRB500 design provides a stable voltage
without an external capacitor and is stable with
capacitive
loads.
The
ZRB500
is
recommended for operation between 50
µA
and 15mA and so is ideally suited to low power
and battery powered applications.
Excellent performance is maintained to a
suggested absolute maximum of 25mA,
however the rugged design and 20 volt
processing allows the reference to withstand
transient effects and currents up to 200mA.
Superior switching capability allows the device
to reach stable operating conditions in only a
few microseconds.
FEATURES
Small outlineSOT23,SO8 andTO92 style
packages
Nostabilisingcapacitorrequired
Typical T
C 15ppm/ °C
Typical slope resistance0.33Ω
± 3%, 2%and1% tolerance
Industrial temperaturerange
Operatingcurrent 50µAto15mA
Transient response, stableinlessthan10µs
APPLICATIONS
Batterypoweredandportable equipment.
Meteringandmeasurementsystems.
Instrumentation.
Test equipment.
Data acquisitionsystems.
Precisionpowersupplies.
PRECISION 5.0 VOLT MICROPOWER
VOLTAGE REFERENCE
ISSUE 1 - OCTOBER 1995
ZRB500
V
R
G
nd
1 - 36
SCHEMATIC DIAGRAM


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
ZREF50 PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
ZRC500 PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE 1  2  3  4  5  Zetex Semiconductors
ZRA124 PRECISION 1.24 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
ZREF25 PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
ZRA250 PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  5  Zetex Semiconductors
ZR12D PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
ZRA125 PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  5  List of Unclassifed Manufacturers
ZRA125 PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  5  Zetex Semiconductors
ZREF12 PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
ZR423 PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn