Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA6507 Fiches technique(PDF) 16 Page - Texas Instruments

No de pièce TCA6507
Description  LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TCA6507 Fiches technique(HTML) 16 Page - Texas Instruments

Back Button TCA6507_10 Datasheet HTML 12Page - Texas Instruments TCA6507_10 Datasheet HTML 13Page - Texas Instruments TCA6507_10 Datasheet HTML 14Page - Texas Instruments TCA6507_10 Datasheet HTML 15Page - Texas Instruments TCA6507_10 Datasheet HTML 16Page - Texas Instruments TCA6507_10 Datasheet HTML 17Page - Texas Instruments TCA6507_10 Datasheet HTML 18Page - Texas Instruments TCA6507_10 Datasheet HTML 19Page - Texas Instruments TCA6507_10 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
www.ti.com
Electrical Characteristics
TCA6507
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER
WITH INTENSITY CONTROL AND SHUTDOWN
SCPS164B – MAY 2007 – REVISED NOVEMBER 2007
GND = 0 V, TA = –40°C to 85°
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
Intensity control clock
fINT
Operating mode
1.65 V to 3.6 V
23
32
43
kHz
frequency
VIK
Input diode clamp voltage
II = –18 mA
1.65 V to 3.6 V
–1.2
V
VPOR
Power-on reset voltage
VI = VCC or GND, IO = 0
1.65 V to 3.6 V
1.4
V
VOL
SDA
IOL = 6 mA
1.65 V to 3.6 V
0.2
0.6
V
SDA
1.65 V to 3.6 V
3
13.2
IOL
VOL = 0.5 V
1.65 V
25
59.7
mA
P port(2)
VOL = 0.6 V
1.8 V to 3.6 V
40
68
II
SCL, SDA, EN
VI = VCC or GND
1.65 V to 3.6 V
±0.1
µA
EN disabled, P port idle,
1.65 V to 1.95 V
2
12
Intensity control disabled,
Standby current
SCL = VCC, SDA = VCC, IO = 0,
1.96 V to 3.6 V
3
15
fSCL = 0
P port running,
1.65 V to 1.95 V
9.7
17
ICC
Intensity control enabled,
µA
SCL = VCC, SDA = VCC, IO = 0,
1.96 V to 3.6 V
10.4
20
fSCL = 0
Operating mode
P port running,
1.65 V to 1.95 V
10.2
18
Intensity control enabled,
1.96 V to 3.6 V
11.4
25
SDA = VCC, IO = 0, fSCL = 400 kHz
Ci
SCL
1.65 V to 3.6 V
7
pF
Cio
SDA
VIO = VCC or GND
1.65 V to 3.6 V
8
pF
Co
P port
VO = VCC or GND
1.65 V to 3.6 V
10
pF
(1)
All typical values are at TA = 25°C.
(2)
The total current sourced by the P port must be limited to 200 mA.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TCA6507


Numéro de pièce similaire - TCA6507_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
More results

Description similaire - TCA6507_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA6507 TI-TCA6507 Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
ATMEL Corporation
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com