Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVCH4T245DGVRG4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce 74AVCH4T245DGVRG4
Description  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74AVCH4T245DGVRG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button 74AVCH4T245DGVRG4 Datasheet HTML 3Page - Texas Instruments 74AVCH4T245DGVRG4 Datasheet HTML 4Page - Texas Instruments 74AVCH4T245DGVRG4 Datasheet HTML 5Page - Texas Instruments 74AVCH4T245DGVRG4 Datasheet HTML 6Page - Texas Instruments 74AVCH4T245DGVRG4 Datasheet HTML 7Page - Texas Instruments 74AVCH4T245DGVRG4 Datasheet HTML 8Page - Texas Instruments 74AVCH4T245DGVRG4 Datasheet HTML 9Page - Texas Instruments 74AVCH4T245DGVRG4 Datasheet HTML 10Page - Texas Instruments 74AVCH4T245DGVRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVCH4T245
4-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES577D – JUNE 2004 – REVISED JUNE 2007
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.2
0.3
6.3
0.3
5.2
0.4
4.2
0.4
4.2
A
B
ns
tPHL
3.2
0.3
6.3
0.3
5.2
0.4
4.2
0.4
4.2
tPLH
3.3
0.7
6.3
0.5
6
0.4
5.7
0.3
5.6
B
A
ns
tPHL
3.3
0.7
6.3
0.5
6
0.4
5.7
0.3
5.6
tPZH
4.9
1.4
9.6
1.1
9.5
0.7
9.4
0.4
9.4
OE
A
ns
tPZL
4.9
1.4
9.6
1.1
9.5
0.7
9.4
0.4
9.4
tPZH
4.5
1.4
9.6
1.1
7.7
0.9
5.8
0.9
5.6
OE
B
ns
tPZL
4.5
1.4
9.6
1.1
7.7
0.9
5.8
0.9
5.6
tPHZ
5.6
1.8
10.2
1.5
10.2
1.3
10.2
1.6
10.2
OE
A
ns
tPLZ
5.6
1.8
10.2
1.5
10.2
1.3
10.2
1.6
10.2
tPHZ
5.2
1.9
10.3
1.9
9.1
1.4
7.4
1.2
7.6
OE
B
ns
tPLZ
5.2
1.9
10.3
1.9
9.1
1.4
7.4
1.2
7.6
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.9
0.1
6
0.1
4.9
0.1
3.9
0.3
3.9
A
B
ns
tPHL
2.9
0.1
6
0.1
4.9
0.1
3.9
0.3
3.9
tPLH
3
0.6
5.3
0.5
4.9
0.3
4.6
0.3
4.5
B
A
ns
tPHL
3
0.6
5.3
0.5
4.9
0.3
4.6
0.3
4.5
tPZH
4.4
1
7.4
1
7.3
0.6
7.3
0.4
7.2
OE
A
ns
tPZL
4.4
1
7.4
1
7.3
0.6
7.3
0.4
7.2
tPZH
4.1
1.2
9.2
1
7.4
0.8
5.3
0.8
4.6
OE
B
ns
tPZL
4.1
1.2
9.2
1
7.4
0.8
5.3
0.8
4.6
tPHZ
5.4
1.6
8.6
1.8
8.7
1.3
8.7
1.6
8.7
OE
A
ns
tPLZ
5.4
1.6
8.6
1.8
8.7
1.3
8.7
1.6
8.7
tPHZ
5
1.7
9.9
1.6
8.7
1.2
6.9
1
6.9
OE
B
ns
tPLZ
5
1.7
9.9
1.6
8.7
1.2
6.9
1
6.9
7
Submit Documentation Feedback


Numéro de pièce similaire - 74AVCH4T245DGVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AVCH4T245DGVRG4 TI-74AVCH4T245DGVRG4 Datasheet
650Kb / 20P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - 74AVCH4T245DGVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_08 Datasheet
881Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com