Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVC20T245 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AVC20T245
Description  20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC20T245 Fiches technique(HTML) 5 Page - Texas Instruments

  SN74AVC20T245 Datasheet HTML 1Page - Texas Instruments SN74AVC20T245 Datasheet HTML 2Page - Texas Instruments SN74AVC20T245 Datasheet HTML 3Page - Texas Instruments SN74AVC20T245 Datasheet HTML 4Page - Texas Instruments SN74AVC20T245 Datasheet HTML 5Page - Texas Instruments SN74AVC20T245 Datasheet HTML 6Page - Texas Instruments SN74AVC20T245 Datasheet HTML 7Page - Texas Instruments SN74AVC20T245 Datasheet HTML 8Page - Texas Instruments SN74AVC20T245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SN74AVC20T245
20BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES566F − MAY 2004 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Notes 9 and 10)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
TA = 25°C
−40
°C to 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = −100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
VCCO − 0.2 V
IOH = −3 mA
1.2 V
1.2 V
0.95
VOH
IOH = −6 mA
VI = VIH
1.4 V
1.4 V
1.05
V
VOH
IOH = −8 mA
VI = VIH
1.65 V
1.65 V
1.2
V
IOH = −9 mA
2.3 V
2.3 V
1.75
IOH = −12 mA
3 V
3 V
2.3
IOL = 100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
0.2
IOL = 3 mA
1.2 V
1.2 V
0.15
VOL
IOL = 6 mA
VI = VIL
1.4 V
1.4 V
0.35
V
VOL
IOL = 8 mA
VI = VIL
1.65 V
1.65 V
0.45
V
IOL = 9 mA
2.3 V
2.3 V
0.55
IOL = 12 mA
3 V
3 V
0.7
II
Control
inputs
VI = VCCA or GND
1.2 V to 3.6 V
1.2 V to 3.6 V
±0.025 ±0.25
±1
µA
Ioff
A or B
port
VI or VO = 0 to 3.6 V
0 V
0 to 3.6 V
±0.1
±1
±5
A
Ioff
A or B
port
VI or VO = 0 to 3.6 V
0 to 3.6 V
0 V
±0.1
±1
±5
µA
IOZ†
A or B
ports
VO = VCCO or
GND,
VI = VCCI or GND
OE = VIH
3.6 V
3.6 V
±0.5
±2.5
±5
µA
1.2 V to 3.6 V
1.2 V to 3.6 V
35
ICCA
VI = VCCI or GND, IO = 0
0 V
3.6 V
−5
µA
ICCA
VI = VCCI or GND, IO = 0
3.6 V
0 V
35
µA
1.2 V to 3.6 V
1.2 V to 3.6 V
35
ICCB
VI = VCCI or GND, IO = 0
0 V
3.6 V
35
µA
ICCB
VI = VCCI or GND, IO = 0
3.6 V
0 V
−5
µA
ICCA ) ICCB
VI = VCCI or GND, IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
65
µA
Ci
Control
inputs
VI = 3.3 V or GND
3.3 V
3.3 V
3.5
pF
Cio
A or B
ports
VO = 3.3 V or GND
3.3 V
3.3 V
7
pF
† For I/O ports, the parameter IOZ includes the input leakage current.
NOTES:
9. VCCO is the VCC associated with the output port.
10. VCCI is the VCC associated with the input port.


Numéro de pièce similaire - SN74AVC20T245

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC20T245 TI-SN74AVC20T245 Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC20T245DGG TI-SN74AVC20T245DGG Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC20T245DGG TI-SN74AVC20T245DGG Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC20T245DGGR TI-SN74AVC20T245DGGR Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC20T245DGGR TI-SN74AVC20T245DGGR Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - SN74AVC20T245

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC20T245 TI-SN74AVC20T245_08 Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC20T245 TI-SN74AVC20T245 Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245 Datasheet
437Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245_07 Datasheet
281Kb / 14P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245_09 Datasheet
607Kb / 21P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com