Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G14 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP1G14
Description  LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G14 Fiches technique(HTML) 1 Page - Texas Instruments

  SN74AUP1G14 Datasheet HTML 1Page - Texas Instruments SN74AUP1G14 Datasheet HTML 2Page - Texas Instruments SN74AUP1G14 Datasheet HTML 3Page - Texas Instruments SN74AUP1G14 Datasheet HTML 4Page - Texas Instruments SN74AUP1G14 Datasheet HTML 5Page - Texas Instruments SN74AUP1G14 Datasheet HTML 6Page - Texas Instruments SN74AUP1G14 Datasheet HTML 7Page - Texas Instruments SN74AUP1G14 Datasheet HTML 8Page - Texas Instruments SN74AUP1G14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
3
2
4
5
1
N.C.
V
CC
Y
A
GND
DBV PACKAGE
(TOP VIEW)
GND
A
N.C.
N.C.
6
5
4
2
3
Y
V
CC
1
DRY PACKAGE
(TOP VIEW)
3
2
4
5
1
N.C.
V
CC
Y
A
GND
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
N.C.
V
CC
Y
A
GND
DRL PACKAGE
(TOP VIEW)
GND
Y
3
4
A
2
5
N.C.
6
1
N.C.
V
CC
DSF PACKAGE
(TOP VIEW)
YZP PACKAGE
(TOP VIEW)
YFP PACKAGE
(TOP VIEW)
GND
DNU
Y
V
CC
A
3
5
2
1
4
A1
B1
C1
A2
C2
A
V
CC
GND
4
2
1
3
Y
A1
B1
A2
B2
SN74AUP1G14
www.ti.com
SCES578I – JUNE 2003 – REVISED MAY 2010
LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
Check for Samples: SN74AUP1G14
1
FEATURES
Available in the Texas Instruments NanoStar™
Wide Operating VCC Range of 0.8 V to 3.6 V
Package
Optimized for 3.3-V Operation
Low Static-Power Consumption
3.6-V I/O Tolerant to Support Mixed-Mode
(ICC = 0.9 mA Max)
Signal Operation
Low Dynamic-Power Consumption
tpd = 4.9 ns Max at 3.3 V
(Cpd = 4.4 pF Typ at 3.3 V)
Suitable for Point-to-Point Applications
Low Input Capacitance (CI = 1.5 pF Typ)
Latch-Up Performance Exceeds 100 mA Per
Low Noise – Overshoot and Undershoot
JESD 78, Class II
<10% of VCC
ESD Performance Tested Per JESD 22
Ioff Supports Partial-Power-Down Mode
2000-V Human-Body Model
Operation
(A114-B, Class II)
Includes Schmitt-Trigger Inputs
1000-V Charged-Device Model (C101)
N.C. – No internal connection.
DNU – Do not use
See mechancial drawings for dimensions.
DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity (see
Figure 1 and Figure 2).
This device functions as an independent gate with Schmitt-trigger inputs, which allows for slow input transition
and better switching-noise immunity at the input.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - SN74AUP1G14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
[Old version datasheet]   LOW POWER SINGLE SCHMITT TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI1-SN74AUP1G14 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
SN74AUP1G14 TI1-SN74AUP1G14 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Inverter
SN74AUP1G14DBV TI1-SN74AUP1G14DBV Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
More results

Description similaire - SN74AUP1G14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
[Old version datasheet]   LOW POWER SINGLE SCHMITT TRIGGER INVERTER
SN74AUP1G14_017 TI1-SN74AUP1G14_017 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com