Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62353YZG Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS62353YZG
Description  High-Efficiency Power Solution Using DC/DC Converter With DVFS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62353YZG Fiches technique(HTML) 3 Page - Texas Instruments

  TPS62353YZG Datasheet HTML 1Page - Texas Instruments TPS62353YZG Datasheet HTML 2Page - Texas Instruments TPS62353YZG Datasheet HTML 3Page - Texas Instruments TPS62353YZG Datasheet HTML 4Page - Texas Instruments TPS62353YZG Datasheet HTML 5Page - Texas Instruments TPS62353YZG Datasheet HTML 6Page - Texas Instruments TPS62353YZG Datasheet HTML 7Page - Texas Instruments TPS62353YZG Datasheet HTML 8Page - Texas Instruments TPS62353YZG Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.ti.com
Features
3
Features
The design uses the following high-efficiency DC/DC Converter with integrated FETs .
INPUT VOLTAGE
~5V
HIGH EFFICIENCY AND
INTEGRATION
(w DVFS)
COMBINE RTC AND STATIC 1.2
Core 1.2 V at 600 mA
TPS62353
Static 1.2 V + VRTC at 251 mA
TPS62232
Static 1.8 V at 230 mA
TPS62231
Static 3.3 V at 115 mA
TPS71733 (DRV)
Here VRTC is included in the STATIC12 (fixed 1.2 V) group.
TPS62353
88% Efficiency at 3-MHz Operation
Output Peak Current up to 800 mA
3-MHz Fixed Frequency Operation
Best in Class Load and Line Transient
±2% PWM DC Voltage Accuracy
Efficiency Optimized Power-Save Mode
Transient Optimized Power-Save Mode
Fixed 1.2-V output eliminates need for external voltage-setting resistors
Available in a 10-Pin QFN (3 × 3 mm) 12-Pin NanoFree™ (CSP) Packaging
TPS62231 and TPS62232
3 MHz switch frequency
Up to 94% efficiency
Output Peak Current up to 500mA
Small External Output Filter Components (1 µH/ 4.7 µF)
Small 1 × 1,5 × 0,6-mm 3 SON Package
Fixed 1.8V and 1.2V output respectively eliminates need for external voltage-setting resistors
TPS71733
150-mA Low-Dropout Regulator with Enable
Low Noise: 30 mV typical (100 Hz to 100 kHz)
Excellent Load/Line Transient Response
Small SC70-5, 2-mm × 2-mm SON-6, and 1,5-mm × 1,5-mm SON-6 Packages
More information on the devices can be found from the data sheets:
TPS62353, http://focus.ti.com/lit/ds/symlink/tps62350.pdf
TPS71733, http://focus.ti.com/lit/ds/symlink/tps71733.pdf
TPS62231 and TPS62232, http://focus.ti.com/lit/ds/symlink/tps62230.pdf
3
SLVA341A – June 2009 – Revised May 2010
High-Efficiency Power Solution Using DC/DC Converter With DVFS
Copyright © 2009–2010, Texas Instruments Incorporated


Numéro de pièce similaire - TPS62353YZG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62353YZG TI-TPS62353YZG Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62353YZG TI-TPS62353YZG Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62353YZG TI-TPS62353YZG Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
TPS62353YZGR TI-TPS62353YZGR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62353YZGR TI1-TPS62353YZGR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results

Description similaire - TPS62353YZG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SLVA339A TI-SLVA339A Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA340A TI-SLVA340A Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
   High efficiency DC/DC converter
2002 Nov 15
TEA1205AT PHILIPS-TEA1205AT Datasheet
107Kb / 16P
   High efficiency DC/DC converter
1998 Mar 24
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com