Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM025C826MHN360 Fiches technique(PDF) 10 Page - AVX Corporation

No de pièce SM025C826MHN360
Description  AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

SM025C826MHN360 Fiches technique(HTML) 10 Page - AVX Corporation

Back Button SM025C826MHN360 Datasheet HTML 6Page - AVX Corporation SM025C826MHN360 Datasheet HTML 7Page - AVX Corporation SM025C826MHN360 Datasheet HTML 8Page - AVX Corporation SM025C826MHN360 Datasheet HTML 9Page - AVX Corporation SM025C826MHN360 Datasheet HTML 10Page - AVX Corporation SM025C826MHN360 Datasheet HTML 11Page - AVX Corporation SM025C826MHN360 Datasheet HTML 12Page - AVX Corporation SM025C826MHN360 Datasheet HTML 13Page - AVX Corporation SM025C826MHN360 Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
9
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
2.54 (0.100) MAX.
0.635 (0.025) MIN.
1.397 (0.055)
±0.254 (0.010)
6.35
(0.250)
MIN.
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254
(0.010)
TYP.
SMPS Stacked MLC Capacitors
(SM Style) Surface Mount and Thru-Hole Styles (SM0, SM5)
No. of Leads
Style
A (max.)
B (max.)
C ±.635 (±0.025)
D ±.635 (±0.025)
E (max.)
per side
SM-1
11.4 (0.450)
52.1 (2.050)
12.7 (0.500)
20
SM-2
20.3 (0.800)
38.4 (1.510)
22.1 (0.870)
15
SM-3
11.4 (0.450)
26.7 (1.050)
12.7 (0.500)
10
SM-4
10.2 (0.400)
10.2 (0.400)
11.2 (0.440)
4
SM-5
6.35 (0.250)
6.35 (0.250)
7.62 (0.300)
3
SM-6
31.8 (1.250)
52.1 (2.050)
34.3 (1.350)
20
Note: For SM5 add 0.127 (0.005) to max. and nominal dimensions A, B, D, & E
“N” STYLE LEADS
E
C
RAD.
0.254
(0.010)
(TYP)
DETAIL B
CHIP SEPARATION
0.254 (0.010) TYP.
1.778 ±0.254
(0.070 ± 0.010)
3.048 ± 0.381
(0.120 ± 0.015)
DETAIL B
“Z” STYLE LEADS
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254
(0.010)
TYP.
B
DETAIL A
4.191 ± 0.254
(0.165 ± 0.010)
1.651 ± 0.254
(0.065 ± 0.010)
2.540 ± 0.254
(0.100 ± 0.010)
6.350 (0.250) MIN
1.016 ± 0.254
(0.040 ± 0.010)
R 0.508
(0.020)
3 PLACES
CAPACITOR
DETAIL A
“P” STYLE LEADS
“J” STYLE LEADS
DIMENSIONS
millimeters (inches)
See page 10 for
maximum “A”
Dimension
For “N” Style Leads: “A” Dimension Plus 1.651 (0.065)
For “J” & “L” Style Leads: “A” Dimension Plus 2.032 (0.080)
For “P” Style Leads: “A” Dimension Plus 4.445 (0.175)
For “Z” Style Leads: “A” Dimension Plus 3.048 (0.120)
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254 (0.010)
TYP.
0.254 (0.010)
RAD. (TYP.)
1.905 (0.075)
±0.635 (0.025)
TYP.
1.778 (0.070)
±0.254 (0.010)
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
2.54 (0.100) MAX.
0.635 (0.025) MIN.
1.397 (0.055)
±0.254 (0.010)
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
2.54 (0.100) MAX.
0.635 (0.025) MIN.
1.397 (0.055)
±0.254 (0.010)
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254 (0.010)
TYP.
0.254 (0.010)
RAD. (TYP.)
1.778 (0.070)
1.905 (0.075)
±0.635 (0.025)
TYP.
±0.254 (0.010)
“L” STYLE LEADS


Numéro de pièce similaire - SM025C826MHN360

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SM0218LC1CD ETC2-SM0218LC1CD Datasheet
192Kb / 2P
   2 TO 18 GHz SINGLE-SIDEBAND UPCONVERTER OR I/Q MODULATOR
SM0218LC1CDA ETC2-SM0218LC1CDA Datasheet
192Kb / 2P
   2 TO 18 GHz SINGLE-SIDEBAND UPCONVERTER OR I/Q MODULATOR
SM0218LC1CDB ETC2-SM0218LC1CDB Datasheet
192Kb / 2P
   2 TO 18 GHz SINGLE-SIDEBAND UPCONVERTER OR I/Q MODULATOR
SM0218LC1CDC ETC2-SM0218LC1CDC Datasheet
192Kb / 2P
   2 TO 18 GHz SINGLE-SIDEBAND UPCONVERTER OR I/Q MODULATOR
SM0218LC1CDQ ETC2-SM0218LC1CDQ Datasheet
192Kb / 2P
   2 TO 18 GHz SINGLE-SIDEBAND UPCONVERTER OR I/Q MODULATOR
More results

Description similaire - SM025C826MHN360

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
05041A0R5CA79A AVX-05041A0R5CA79A Datasheet
6Mb / 135P
   Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
logo
Coilcraft lnc.
ST515FRF COILCRAFT-ST515FRF Datasheet
215Kb / 1P
   Tip and Ring Filters for Critical Applications
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Coilcraft lnc.
TTTRF2000 COILCRAFT-TTTRF2000 Datasheet
80Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF4000LB COILCRAFT-PTRF4000LB Datasheet
128Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF2000L COILCRAFT-PTRF2000L_16 Datasheet
130Kb / 1P
   Surface Mount Tip and Ring Filters
TRF-2000L COILCRAFT-TRF-2000L Datasheet
159Kb / 1P
   Tip and Ring Common Mode Filters
PTRF2000L COILCRAFT-PTRF2000L Datasheet
77Kb / 1P
   Surface Mount Tip and Ring Filters
TRF2000L COILCRAFT-TRF2000L Datasheet
254Kb / 1P
   Tip and Ring Common Mode Filters
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com