Moteur de recherche de fiches techniques de composants électroniques |
|
SM035C396MHN480 Fiches technique(PDF) 6 Page - AVX Corporation |
|
SM035C396MHN480 Fiches technique(HTML) 6 Page - AVX Corporation |
6 / 112 page 5 SMPS Capacitors Capacitor Selection and Performance Absolute Maximum Output Capacitance Assuming no ESL and no ESR 25 20 15 10 5 0 0 5 10 15 20 Maximum Output Filter Capacitance 2 MHz 1 MHz 500 KHz 250 KHz ( F) 50 mV Noise Due to Capacitance Absolute Maximum Capacitance ESL Assuming no ESR - Capacitive Induced Ripple 25 20 15 10 5 0 0 5 10 15 20 Maximum Output Filter Capacitance ESL (nH) DIP Leads SK Series 250 KHz 500 KHz 1 MHz 2 MHz 50 mV Noise Due to ESL Absolute Maximum Capacitance ESR Assuming no ESL - Capacitive Induced Ripple 25 20 15 10 5 0 0 10203040 Maximum Output Filter Capacitance ESR (mOhm) 50 mV Noise Due to ESR AI Electrolytic 15 F MLC SM02 10 F Wet Ta 10 F Solid Ta 5.6 F MLC SM04 4.7 F 10 10 10 10 10 0 2 4 6 8 10 12 14 16 Time (Seconds) -5 -6 -7 -8 -9 Capacitance as Measured from dv/dt Slope 200 mA/ns Current Pulse Measurement starts after Inductive Ring Decay ASMLC CAPACITOR SELECTION ASMLC CAPACITOR PERFORMANCE SMPS Design Information (SM, CH, CV, RH and SK Styles) |
Numéro de pièce similaire - SM035C396MHN480 |
|
Description similaire - SM035C396MHN480 |