Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33063ADRG4 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce MC33063ADRG4
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MC33063ADRG4 Fiches technique(HTML) 4 Page - Texas Instruments

  MC33063ADRG4 Datasheet HTML 1Page - Texas Instruments MC33063ADRG4 Datasheet HTML 2Page - Texas Instruments MC33063ADRG4 Datasheet HTML 3Page - Texas Instruments MC33063ADRG4 Datasheet HTML 4Page - Texas Instruments MC33063ADRG4 Datasheet HTML 5Page - Texas Instruments MC33063ADRG4 Datasheet HTML 6Page - Texas Instruments MC33063ADRG4 Datasheet HTML 7Page - Texas Instruments MC33063ADRG4 Datasheet HTML 8Page - Texas Instruments MC33063ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MC33063A
MC34063A
SLLS636L – DECEMBER 2004 – REVISED DECEMBER 2009
www.ti.com
Output Switch
(1)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
Saturation voltage –
VCE(sat)
ISW = 1 A, pins 1 and 8 connected
Full range
1
1.3
V
Darlington connection
Saturation voltage –
ISW = 1 A, RPIN8 = 82 Ω to VCC,
VCE(sat)
Full range
0.45
0.7
V
non-Darlington connection(2)
forced
β ~ 20
hFE
DC current gain
ISW = 1 A, VCE = 5 V
25°C
50
75
IC(off)
Collector off-state current
VCE = 40 V
Full range
0.01
100
μA
(1)
Low duty-cycle pulse testing is used to maintain junction temperature as close to ambient temperature as possible.
(2)
In the non-Darlington configuration, if the output switch is driven into hard saturation at low switch currents (
≤300 mA) and high driver
currents (
≥30 mA), it may take up to 2 μs for the switch to come out of saturation. This condition effectively shortens the off time at
frequencies
≥30 kHz, becoming magnified as temperature increases. The following output drive condition is recommended in the
non-Darlington configuration:
Forced
β of output switch = IC,SW / (IC,driver – 7 mA) ≥ 10, where ~7 mA is required by the 100-Ω resistor in the emitter of the driver to
forward bias the Vbe of the switch.
Comparator
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25°C
1.225
1.25
1.275
Vth
Threshold voltage
V
Full range
1.21
1.29
ΔVth
Threshold-voltage line regulation
VCC = 5 V to 40 V
Full range
1.4
5
mV
IIB
Input bias current
VIN = 0 V
Full range
–20
–400
nA
Total Device
PARAMETER
TEST CONDITIONS
TA
MIN
MAX
UNIT
VCC = 5 V to 40 V, CT = 1 nF,
ICC
Supply current
VPIN7 = VCC, VPIN5 > Vth,
Full range
4
mA
VPIN2 = GND, All other pins open
4
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): MC33063A MC34063A


Numéro de pièce similaire - MC33063ADRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MC33063ADRG4 TI1-MC33063ADRG4 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
More results

Description similaire - MC33063ADRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com