Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM Fiches technique(PDF) 53 Page - AVX Corporation

No de pièce SM
Description  AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

SM Fiches technique(HTML) 53 Page - AVX Corporation

Back Button SM Datasheet HTML 49Page - AVX Corporation SM Datasheet HTML 50Page - AVX Corporation SM Datasheet HTML 51Page - AVX Corporation SM Datasheet HTML 52Page - AVX Corporation SM Datasheet HTML 53Page - AVX Corporation SM Datasheet HTML 54Page - AVX Corporation SM Datasheet HTML 55Page - AVX Corporation SM Datasheet HTML 56Page - AVX Corporation SM Datasheet HTML 57Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
52
SMPS Capacitors (CECC Offering)
Size Code
Length (L)
Height (H)
Thickness (T)
Nom (t)
S ±0.4
(max.)
(max.)
(max.)
BR40
10.16 (0.400)
11.7
(0.460)
3.81 (0.150)
0.51 (0.020)
5.08 (0.200)
BR50
12.7
(0.500)
12.7
(0.500)
5.1
(0.200)
0.64 (0.025)
10.16 (0.400)
BR84
23.6
(0.930)
17.78 (0.700)
6.35 (0.250)
0.76 (0.030)
20.32 (0.800)
L
T
H
t
S
31.7
(1.248)
MIN.
1.50
(0.059)
MAX.
DIMENSIONS
millimeters (inches)
1B/C0G
2C1/X7R
CECC 30 601 801 Issue 1
CECC 30 701 801 Issue 1
50V
100V
200V
500V
50V
100V
200V
500V
BR40
683-104
473-683
333-473
4R5-153
185-275
125-185
334-474
473-154
BR50
124-224
104-154
683-104
820-333
395-475
225-275
684-105
104-394
BR84
104-564
104-474
104-334
223-104
475-186
475-156
105-335
474-155
CECC APPROVED RANGE
BR
84
1
C
156
K
T
A
Style
Size
Voltage
Dielectric
Capacitance
Capacitance
Specification
Lead Length
Code
Code
Code
Code
Code
Tolerance
Code
Code
See
5 = 50V
A = C0G
(2 significant
G = ±2%
T = CECC
A = 31.7mm min.
table
1 = 100V
C = X7R
digits + no.
C0G only
above
2 = 200V
of zeros)
J = ±5%
7 = 500V
C0G only
K = ±10%
M = ±20%
P = -0 +100%
Note: If tape and reel is required, add TR to the end of the part number
HOW TO ORDER


Description similaire - SM

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
05041A0R5CA79A AVX-05041A0R5CA79A Datasheet
6Mb / 135P
   Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
logo
Coilcraft lnc.
ST515FRF COILCRAFT-ST515FRF Datasheet
215Kb / 1P
   Tip and Ring Filters for Critical Applications
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Coilcraft lnc.
TTTRF2000 COILCRAFT-TTTRF2000 Datasheet
80Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF4000LB COILCRAFT-PTRF4000LB Datasheet
128Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF2000L COILCRAFT-PTRF2000L_16 Datasheet
130Kb / 1P
   Surface Mount Tip and Ring Filters
TRF-2000L COILCRAFT-TRF-2000L Datasheet
159Kb / 1P
   Tip and Ring Common Mode Filters
PTRF2000L COILCRAFT-PTRF2000L Datasheet
77Kb / 1P
   Surface Mount Tip and Ring Filters
TRF2000L COILCRAFT-TRF2000L Datasheet
254Kb / 1P
   Tip and Ring Common Mode Filters
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com