Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9265BCPZ-125 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD9265BCPZ-125
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9265BCPZ-125 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD9265BCPZ-125 Datasheet HTML 2Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 3Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 4Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 5Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 6Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 7Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 8Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 9Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD9265
Rev. A | Page 6 of 44
Parameter1
Temp
AD9265BCPZ-802
AD9265BCPZ-1052
AD9265BCPZ-1252
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
WORST OTHER (HARMONIC OR SPUR)
Without Dither
fIN = 2.4 MHz
25°C
−106
−105
−101
dBc
fIN = 70 MHz
25°C
−106
−104
−103
dBc
Full
−97
−95
−92
dBc
fIN = 140 MHz
25°C
−104
−103
−104
dBc
fIN = 200 MHz
25°C
−102
−103
−100
dBc
With On-Chip Dither
fIN = 2.4 MHz
25°C
−106
−105
−102
dBc
fIN = 70 MHz
25°C
−106
−105
−103
dBc
Full
−97
−99
−98
dBc
fIN = 140 MHz
25°C
−104
−103
−104
dBc
fIN = 200 MHz
25°C
−101
−101
−100
dBc
TWO-TONE SFDR
Without Dither
fIN = 29 MHz (−7 dBFS ), 32 MHz (−7 dBFS )
25°C
93
90
95
dBc
fIN = 169 MHz (−7 dBFS ), 172 MHz (−7 dBFS )
25°C
80
78
79
dBc
ANALOG INPUT BANDWIDTH
25°C
650
650
650
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 The suffix following the part number refers to the model found in the Ordering Guide section.
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, SVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and DCS
enabled, unless otherwise noted.
Table 3.
Parameter
Temperature
Min
Typ
Max
Unit
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage
Full
0.3
3.6
V p-p
Input Voltage Range
Full
AGND
AVDD
V
Input Common-Mode Range
Full
0.9
1.4
V
High Level Input Current
Full
−100
+100
μA
Low Level Input Current
Full
−100
+100
μA
Input Capacitance
Full
4
pF
Input Resistance
Full
8
10
12
SYNC INPUT
Logic Compliance
CMOS
Internal Bias
Full
0.9
V
Input Voltage Range
Full
AGND
AVDD
V
High Level Input Voltage
Full
1.2
AVDD
V
Low Level Input Voltage
Full
AGND
0.6
V
High Level Input Current
Full
−100
+100
μA
Low Level Input Current
Full
−100
+100
μA
Input Capacitance
Full
1
pF
Input Resistance
Full
12
16
20


Numéro de pièce similaire - AD9265BCPZ-125

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9265BCPZ-125 AD-AD9265BCPZ-125 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
More results

Description similaire - AD9265BCPZ-125

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com