Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7626BCPZ-RL7 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD7626BCPZ-RL7
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7626BCPZ-RL7 Fiches technique(HTML) 4 Page - Analog Devices

  AD7626BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7626
Rev. A | Page 4 of
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
REFERENCE BUFFER
REFIN Input Voltage Range
1.18
1.2
1.22
V
REF Output Voltage Range
REF @ 25°C, EN0 = EN1 = 1
4.076
4.096
4.116
V
Line Regulation
VDD1 ± 5%, VDD2 ± 5%
5
mV
EXTERNAL REFERENCE
Voltage Range
REF
4.096
V
VCM PIN
VCM Output
REF/2
VCM Error
−0.015
+0.015
V
Output Impedance
5
LVDS I/O (ANSI-644)
Data Format
Serial LVDS twos complement
Differential Output Voltage, VOD
RL = 100 Ω
245
290
454
mV
Common-Mode Output Voltage, VOCM
RL = 100 Ω
9802
1130
1375
mV
Differential Input Voltage, VID
100
650
mV
Common-Mode Input Voltage, VICM
800
1575
mV
POWER SUPPLIES
Specified Performance
VDD1
4.75
5
5.25
V
VDD2
2.37
2.5
2.63
V
VIO
2.37
2.5
2.63
V
Operating Currents
Static—Not Converting
VDD1
3.5
4.5
mA
VDD2
16.7
21.2
mA
VIO
11.6
13.5
mA
With Internal Reference
10 MSPS throughput
VDD1
10.4
11.2
mA
VDD2
23.5
27.8
mA
VIO
Echoed-clock mode
15.8
17.8
mA
With External Reference
10 MSPS throughput
VDD1
7.5
8.8
mA
VDD2
23
28
mA
VIO
Echoed-clock mode
16.4
18.5
mA
Power-Down
EN0 = 0, EN1 = 0
VDD1
0.6
4
μA
VDD2
0.8
10
μA
VIO
1
5
μA
Power Dissipation3
Static—Not Converting
88
107
mW
With Internal Reference
10 MSPS throughput
150
170
mW
With External Reference
10 MSPS throughput
136
160
mW
Power-Down
8
58
μW
Energy per Conversion
10 MSPS throughput
13.6
nJ/sample
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+85
°C
1 Using an external reference.
2 The ANSI-644 LVDS specification has a minimum output common mode (VOCM) of 1125 mV.
3 Power dissipation is for the AD7626 device only. In self-clocked interface mode, 0.9 mW is dissipated in the 100 Ω terminator. In echoed-clock interface mode, 1.8 mW
is dissipated in two 100 Ω terminators.


Numéro de pièce similaire - AD7626BCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7626BCPZ-RL7 AD-AD7626BCPZ-RL7 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626BCPZ-RL7 AD-AD7626BCPZ-RL7 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
More results

Description similaire - AD7626BCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7625 AD-AD7625 Datasheet
160Kb / 11P
   16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7903BRQZ AD-AD7903BRQZ Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com