Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF722 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BF722
Description  NPN high-voltage transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF722 Fiches technique(HTML) 3 Page - NXP Semiconductors

  BF722 Datasheet HTML 1Page - NXP Semiconductors BF722 Datasheet HTML 2Page - NXP Semiconductors BF722 Datasheet HTML 3Page - NXP Semiconductors BF722 Datasheet HTML 4Page - NXP Semiconductors BF722 Datasheet HTML 5Page - NXP Semiconductors BF722 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1999 Apr 21
3
NXP Semiconductors
Product data sheet
NPN high-voltage transistors
BF720; BF722
THERMAL CHARACTERISTICS
Note
1.
Device mounted on printed-circuit board, single sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see “Thermal considerations for SOT223 in the General Part of associated
Handbook”.
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
106
K/W
Rth j-s
thermal resistance from junction to soldering point
note 1
25
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 200 V
10
nA
IE = 0; VCB = 200 V; Tj = 150 °C
10
µA
IEBO
emitter cut-off current
IC = 0; VEB = 5 V
50
nA
hFE
DC current gain
IC = 25 mA; VCE = 20 V
50
VCEsat
collector-emitter saturation voltage IC = 30 mA; IB = 5 mA
0.6
V
Cre
feedback capacitance
IC = ic = 0; VCE = 30 V; f = 1 MHz
1.6
pF
fT
transition frequency
IC = 10 mA; VCE = 10 V; f = 100 MHz
60
MHz


Numéro de pièce similaire - BF722

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF722 PHILIPS-BF722 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
logo
Siemens Semiconductor G...
BF722 SIEMENS-BF722 Datasheet
135Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Diotec Semiconductor
BF722 DIOTEC-BF722 Datasheet
169Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Nexperia B.V. All right...
BF722 NEXPERIA-BF722 Datasheet
173Kb / 7P
   NPN high-voltage transistors
1999 Apr 21
More results

Description similaire - BF722

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com