Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BCX17 Datasheet(Fiches technique) 4 Page - NXP Semiconductors

Numéro de pièce BCX17
Description  PNP general purpose transistors
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCX17 Datasheet(HTML) 4 Page - NXP Semiconductors

  BCX17 Datenblatt HTML 1Page - NXP Semiconductors BCX17 Datenblatt HTML 2Page - NXP Semiconductors BCX17 Datenblatt HTML 3Page - NXP Semiconductors BCX17 Datasheet HTML 4Page - NXP Semiconductors BCX17 Datenblatt HTML 5Page - NXP Semiconductors BCX17 Datenblatt HTML 6Page - NXP Semiconductors BCX17 Datenblatt HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2004 Jan 16
4
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BCX17; BCX18
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1.
VBE decreases by approximately −2 mV/°C with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP. MAX. UNIT
ICBO
collector cut-off current
IE = 0; VCB = −20 V
−100 nA
IE = 0; VCB = −20 V; Tj = 150 °C
−5
μA
IEBO
emitter cut-off current
IC = 0; VEB = −5 V
−100 nA
hFE
DC current gain
IC = −100 mA; VCE = −1 V
100
600
IC = −300 mA; VCE = −1 V
70
IC = −500 mA; VCE = −1 V
40
VCEsat
collector-emitter saturation voltage
IC = −500 mA; IB = −50 mA
−620 mV
VBE
base-emitter voltage
IC = −500 mA; VCE = −1 V; note 1
−1.2
V
Cc
collector capacitance
IE = Ie = 0; VCB = −10 V; f = 1 MHz
9
pF
fT
transition frequency
IC = −10 mA; VCE = −5 V; f = 100 MHz
80
MHz


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn