Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCE8.0A Fiches technique(PDF) 5 Page - Littelfuse

No de pièce LCE8.0A
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCE8.0A Fiches technique(HTML) 5 Page - Littelfuse

  LCE8.0A Datasheet HTML 1Page - Littelfuse LCE8.0A Datasheet HTML 2Page - Littelfuse LCE8.0A Datasheet HTML 3Page - Littelfuse LCE8.0A Datasheet HTML 4Page - Littelfuse LCE8.0A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
97
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: January 09, 2009
LCE Series
Axial Leaded – 1500W > LCE series
Please refer to http://www.Littelfuse.com/series/LCE.html for current information.
Part Numbering System
Packaging
Part Number
Component
Package
Quantity
Packaging
Option
Packaging Specification
LCExxxXX
DO-201
1200
Tape & Reel
EIA STD RS-296E
LCExxxXX-B
DO-201
500
BULK
Littelfuse Concord Packing Spec. DM-0016
VOLTAGE CODE
(Refer to the Electrical Characteristics table)
TYPE CODE:
A
Uni-Directional (5% Voltage Tolerance)
OPTION CODE:
BLANK Reel Tape
-B Bulk Packaging
SERIES CODE
LCE xxx A X
Part Marking System
F
Product Type
Littelfuse Logo
Cathode Band
Schematic


Numéro de pièce similaire - LCE8.0A

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
LCE8.0A EIC-LCE8.0A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
LCE8.0A RUILON-LCE8.0A Datasheet
752Kb / 7P
   Transient Voltage Suppressors
logo
Littelfuse
LCE8.0A LITTELFUSE-LCE8.0A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
logo
Socay Electornics Co., ...
LCE8.0A SOCAY-LCE8.0A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
LCE8.0A LITTELFUSE-LCE8.0A Datasheet
121Kb / 4P
   1500W Axial Leaded Transient Voltage Supressors
More results

Description similaire - LCE8.0A

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com