Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5466-ISZ Fiches technique(PDF) 11 Page - Cirrus Logic

No de pièce CS5466-ISZ
Description  Low-cost Power/Energy IC with Pulse Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5466-ISZ Fiches technique(HTML) 11 Page - Cirrus Logic

Back Button CS5466-ISZ Datasheet HTML 7Page - Cirrus Logic CS5466-ISZ Datasheet HTML 8Page - Cirrus Logic CS5466-ISZ Datasheet HTML 9Page - Cirrus Logic CS5466-ISZ Datasheet HTML 10Page - Cirrus Logic CS5466-ISZ Datasheet HTML 11Page - Cirrus Logic CS5466-ISZ Datasheet HTML 12Page - Cirrus Logic CS5466-ISZ Datasheet HTML 13Page - Cirrus Logic CS5466-ISZ Datasheet HTML 14Page - Cirrus Logic CS5466-ISZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CS5466
DS659F1
11
5.
FUNCTIONAL DESCRIPTION
5.1
Analog Inputs
The CS5466 is equipped with two fully differential input
channels. The inputs VIN
± and IIN± are designated as
the voltage and current channel inputs, respectively.
The full-scale differential input voltage for the current
and voltage channel is
±250 mVP.
5.1.1
Voltage Channel
The output of the line-voltage resistive divider or trans-
former is connected to the VIN+ and VIN- input pins of
the CS5466. The voltage channel is equipped with a
10x, fixed-gain amplifier. The full-scale signal level that
can be applied to the voltage channel is
±250 mV. If the
input signal is a sine wave, the maximum RMS voltage
is:
which is approximately 70.7% of maximum peak volt-
age.
5.1.2
Current Channel
The output of the current-sense resistor or transformer
is connected to the IIN+ and IIN- input pins of the
CS5466. To accommodate different current-sensing de-
vices, the current channel incorporates programmable
gains which can be set to one of four input ranges. Input
pins IGAIN1 and IGAIN0 (See Table 1) define the four
gain selections and corresponding maximum input sig-
nal level.
For example, if IGAIN1=IGAIN0=0, the current chan-
nel’s gain is set to 10x. If the input signals are pure sinu-
soids with zero phase shift, the maximum peak
differential signal on the current or voltage channel is
±250 mVP. The input signal levels are approximately
70.7% of maximum peak voltage producing a full-scale
energy pulse registration equal to 50% of absolute max-
imum energy pulse registration. This will be discussed
further in Section 5.3 Energy Pulse Outputs on page 11.
5.2
High-pass Filter
By removing the offset from either channel, no error
component will be generated at DC when computing the
active power. Input pin HPF defines the three options:
– High-pass Filter (HPF) is disabled when pin HPF is
connected high.
– HPF is enabled in the voltage channel when pin HPF is
connected low.
– HPF is enabled in the current channel when pin HPF is
connected to pin FOUT.
5.3
Energy Pulse Outputs
The CS5466 provides three output pins for energy reg-
istration. The E1 and E2 pins provide a simple interface
from which energy can be registered. These pins are
designed to directly connect to a stepper motor or elec-
tromechanical counter. The pulse rate on the E1 and E2
pins are in the range of 0 to 4 Hz and all frequency set-
tings are optimized to be used with standard meter con-
stants. The FOUT pin is designated for system
calibration and the pulse rate can be selected to reach
a frequency of 8000 Hz.
5.3.1
Pulse Output Format.
The CS5466 produces alternating pulses on E1 and E2.
This pulse format is designed to drive a stepper motor.
Each pin produces active-low pulses with a minimum
pulse width of 250 ms when MCLK = 4.096 MHz. Refer
to “Switching Characteristics” on page 8 for timing pa-
rameters.
The FOUT pin issues active-high pulses. The pulse
width is equal to 90 ms (typical), unless the period falls
below 180 ms. At this time the pulses will be equal to
half the period. In mode 3 (FREQ[2:0] = 3), the pulse
width of all FOUT pulses is typically 20
µs regardless of
the pulse rate (MCLK = 4.096 MHz).
5.3.2
Selecting Frequency of E1 and E2
The pulse rate on E1 and E2 can be set to one of four
frequency ranges. Input pins FREQ1 and FREQ0 (See
Table 2) determine the maximum frequency on E1 and
E2 for pure sinusoidal inputs with zero phase shift. As
shown in Figure 1 on page 8, the frequency of E2 is
equal to the frequency of E1 with active-low alternating
pulses.
As discussed in Section 5.1.2 Current Channel on page
11, the maximum frequency on the E1 and E2 output
pins is equal to the selected frequency in Table 2 if the
maximum peak differential signal applied to both chan-
nels is a sine wave with zero phase shift.
IGAIN1 IGAIN0
Maximum Input
Range
0
0
±250mV
10x
01
±50mV
50x
1
0
±25mV
100x
1
1
±16.67mV
150x
Table 1. Current Channel PGA Setting
250mVP
2
-----------------
176.78mVRMS


Numéro de pièce similaire - CS5466-ISZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5466 CIRRUS-CS5466 Datasheet
188Kb / 16P
   Low-cost Power/Energy IC with Pulse Output
More results

Description similaire - CS5466-ISZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5466 CIRRUS-CS5466 Datasheet
188Kb / 16P
   Low-cost Power/Energy IC with Pulse Output
CS5462 CIRRUS-CS5462 Datasheet
198Kb / 18P
   LOW COST POWER ENERGY IC WITH PULSE OUTPUT
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
   Energy Metering IC with Pulse Output
logo
Analog Devices
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com