Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5374_0910 Fiches technique(PDF) 7 Page - Cirrus Logic

No de pièce CS5374_0910
Description  Dual High-performance Amplifier & ?誇 Modulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374_0910 Fiches technique(HTML) 7 Page - Cirrus Logic

Back Button CS5374_0910 Datasheet HTML 3Page - Cirrus Logic CS5374_0910 Datasheet HTML 4Page - Cirrus Logic CS5374_0910 Datasheet HTML 5Page - Cirrus Logic CS5374_0910 Datasheet HTML 6Page - Cirrus Logic CS5374_0910 Datasheet HTML 7Page - Cirrus Logic CS5374_0910 Datasheet HTML 8Page - Cirrus Logic CS5374_0910 Datasheet HTML 9Page - Cirrus Logic CS5374_0910 Datasheet HTML 10Page - Cirrus Logic CS5374_0910 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
CS5374
CS5374
DS862F1
DS862F1
7
PERFORMANCE SPECIFICATIONS
Notes: 12. Dynamic Range defined as 20 log [(RMS full scale) / (RMS idle noise)] where idle noise is measured
with the amplifier input terminated. Dynamic Range is dominated by high-frequency quantization noise
at the 1/4 ms rate and amplifier noise at high gain.
13. Tested with a 31.25 Hz sine wave at 1 ms sampling rate and -1 dB amplitude.
Parameter
Symbol
Min
Typ
Max
Unit
Amplifier Noise
Voltage Noise
f0 = 0.1 Hz to 10 Hz
VNPP
-1.5
3
μVpp
Voltage Noise Density
f0 = 200 Hz to 2 kHz
VND
-11
14
Current Noise Density
IND
-20
-
Channel Dynamic Range
Dynamic Range
(1/4 ms) DC to 1720 Hz
(1x Gain, Multiple OWRs)
(1/2 ms) DC to 860 Hz
(Note 9, 12)
(1ms) DC to 430Hz
(2 ms) DC to 215 Hz
(4 ms) DC to 108 Hz
(8 ms) DC to
54 Hz
(16 ms) DC to
27 Hz
SNR
-
-
121
-
-
-
-
105
120
123
126
129
131
135
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
Dynamic Range
1x
(Multiple Gains, 1 ms OWR)
2x
(Note 9, 12)3x
8x
16x
32x
64x
SNR
121
-
-
-
-
-
-
123
122
120
116
111
105
98
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
Channel Distortion
Total Harmonic Distortion
1x
(Note 13)2x
4x
8x
16x
32x
64x
THD
-
-
-
-
-
-
-
-118
-119
-119
-119
-118
-115
-112
-108
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
nV/ Hz
fA/ Hz
0
5
10
15
20
0
200
400
600
800
1000 1200 1400 1600 1800 2000
Frequency (Hz)
CS5374 Amplifier In-Band Noise
0
100
200
300
400
0.1
1
10
100
1k
Frequency (Hz)
CS5374 Amplifier Wide Band Noise
10k
100k
1M
Figure 2. CS5374 Amplifier Noise Performance


Numéro de pièce similaire - CS5374_0910

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5374-CNZ CIRRUS-CS5374-CNZ Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
More results

Description similaire - CS5374_0910

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5374 CIRRUS-CS5374 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
CS5371 CIRRUS-CS5371_05 Datasheet
340Kb / 22P
   Low-power, High-performance ?誇 Modulators
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7560 AVAGO-HCPL-7560 Datasheet
379Kb / 18P
   Optically Isolated Sigma-Delta (誇-?) Modulator
logo
Sanyo Semicon Device
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
   High-Performance Dual Operational Amplifier
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204_08 Datasheet
327Kb / 16P
   High performance dual operational amplifier
logo
Sanyo Semicon Device
LA6358NMM SANYO-LA6358NMM_08 Datasheet
281Kb / 6P
   High-Performance Dual Operational Amplifier
logo
NEC
UPC4558 NEC-UPC4558 Datasheet
309Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
UPC4559 NEC-UPC4559 Datasheet
207Kb / 8P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER????
UPC4560 NEC-UPC4560 Datasheet
286Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com