Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5371 Fiches technique(PDF) 8 Page - Cirrus Logic

No de pièce CS5371
Description  Low-power, High-performance ?誇 Modulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Fiches technique(HTML) 8 Page - Cirrus Logic

Back Button CS5371_05 Datasheet HTML 4Page - Cirrus Logic CS5371_05 Datasheet HTML 5Page - Cirrus Logic CS5371_05 Datasheet HTML 6Page - Cirrus Logic CS5371_05 Datasheet HTML 7Page - Cirrus Logic CS5371_05 Datasheet HTML 8Page - Cirrus Logic CS5371_05 Datasheet HTML 9Page - Cirrus Logic CS5371_05 Datasheet HTML 10Page - Cirrus Logic CS5371_05 Datasheet HTML 11Page - Cirrus Logic CS5371_05 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CS5371 CS5372
8
DS255F3
CS5376A
MSYNC
MSYNC
MFLAG1
M
FLAG1
MCLK
MCLK
MDATA1
MDATA1
MFLAG2
MFLAG2
MDATA2
MDATA2
0.02
µF
0.02
µF
INRI+
INFI+
INFI-
INRI-
INR2+
INF2+
INF2-
INR2-
INRI+
INFI+
INFI-
INRI-
INR2+
INF2+
INF2-
INR2-
~
MFLAG3
MFLAG1
MDATA3
MDATA1
MFLAG4
MFLAG2
MDATA4
MDATA2
OFST
LPWR
PWDN1
Channel 1
GPIO5
GPIO6
GPIO7
CS5372
CS5372
MSYNC
MCLK
OFST
LPWR
PWDN1
VA-
DGND
VA -
VA+
VD
VA+
VD
VREF
VA +
VA -
VREF+
VREF-
VREF+
VREF-
VA+
VD
VA-
DGND
PWDN2
GPIO4
PWDN2
X7R
COG
0.01µF
100 µF
10
0.02
µF
0.02
µF
~
Channel 2
COG
X7R
0.02
µF
0.02
µF
~
Channel 3
COG
X7R
0.02
µF
0.02
µF
~
Channel 4
COG
X7R
100 µF
0.01 µF
100 µF
0.01 µF
100 µF
0.01 µF
499
499
499
499
499
499
499
499
499
499
499
499
499
499
499
0.01µF
100 µF
10
499
Figure 3. System Connection Diagram


Numéro de pièce similaire - CS5371_05

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5371-BS CIRRUS-CS5371-BS Datasheet
366Kb / 22P
   LOW POWER HIGH PERFORMANCE MODULATORS
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
   Low-power, High-performance Modulators
CS5371A CIRRUS-CS5371A Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
CS5371A-ISZ CIRRUS-CS5371A-ISZ Datasheet
534Kb / 32P
   Low-power, High-performance Modulators
CS5371A-ISZ CIRRUS-CS5371A-ISZ Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
More results

Description similaire - CS5371_05

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
CS5371 CIRRUS-CS5371 Datasheet
366Kb / 22P
   LOW POWER HIGH PERFORMANCE MODULATORS
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
   Low-power, High-performance Modulators
CS5374_0910 CIRRUS-CS5374_0910 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
CS5374 CIRRUS-CS5374 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Asahi Kasei Microsystem...
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
AK5394A AKM-AK5394A_05 Datasheet
191Kb / 25P
   Super High Performance 192kHz 24-Bit ?誇 ADC
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
   Low Power & Small Package 16bit ?誇 CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com