Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDB4226 Fiches technique(PDF) 8 Page - Cirrus Logic

No de pièce CDB4226
Description  Surround Sound Codec
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4226 Fiches technique(HTML) 8 Page - Cirrus Logic

Back Button CDB4226 Datasheet HTML 4Page - Cirrus Logic CDB4226 Datasheet HTML 5Page - Cirrus Logic CDB4226 Datasheet HTML 6Page - Cirrus Logic CDB4226 Datasheet HTML 7Page - Cirrus Logic CDB4226 Datasheet HTML 8Page - Cirrus Logic CDB4226 Datasheet HTML 9Page - Cirrus Logic CDB4226 Datasheet HTML 10Page - Cirrus Logic CDB4226 Datasheet HTML 11Page - Cirrus Logic CDB4226 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
CS4226
8
DS188F4
SWITCHING CHARACTERISTICS - CONTROL PORT (Inputs: logic 0 = DGND, logic 1 =
VD+, CL = 30 pF)
Notes: 12. Data must be held for sufficient time to bridge the transition time of CCLK.
13. For FSCK < 1 MHz
Parameter
Symbol
Min
Max
Units
SPI Mode (SPI/I2C = 0)
CCLK Clock Frequency
fsck
-6
MHz
CS High Time Between Transmissions
tcsh
1.0
µs
CS Falling to CCLK Edge
tcss
20
ns
CCLK Low Time
tscl
66
ns
CCLK High Time
tsch
66
ns
CDIN to CCLK Rising Setup Time
tdsu
40
ns
CCLK Rising to DATA Hold Time
(Note 12)
tdh
15
ns
CCLK Falling to CDOUT stable
tpd
45
ns
Rise Time of CDOUT
tr1
25
ns
Fall Time of CDOUT
tf1
25
ns
Rise Time of CCLK and CDIN
(Note 13)
tr2
100
ns
Fall Time of CCLK and CDIN
(Note 13)
tf2
100
ns
t r2
t f2
t dsu t dh
t sch
t scl
CS
CCLK
CDIN
t css
t pd
CDOUT
t csh


Numéro de pièce similaire - CDB4226

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CDB4226 CIRRUS-CDB4226 Datasheet
1Mb / 60P
   Surround Sound Codec
More results

Description similaire - CDB4226

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
1Mb / 60P
   Surround Sound Codec
logo
Wolfson Microelectronic...
WM9704Q WOLFSON-WM9704Q Datasheet
271Kb / 35P
   4-Channel Surround Sound Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
logo
NEC
UPC1891A NEC-UPC1891A Datasheet
993Kb / 28P
   MATRIX SURROUND-SOUND PROCESSOR
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Mitsubishi Electric Sem...
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
   DIGTAL SOUND CONTROLLER WIHT SURROUND
logo
STMicroelectronics
TDA7346 STMICROELECTRONICS-TDA7346 Datasheet
122Kb / 14P
   DIGITAL CONTROLLED SURROUND SOUND MATRIX
February 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com