Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZLDO500 Fiches technique(PDF) 5 Page - Zetex Semiconductors

No de pièce ZLDO500
Description  5.0 VOLT ULTRA LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLDO500 Fiches technique(HTML) 5 Page - Zetex Semiconductors

  ZLDO500 Datasheet HTML 1Page - Zetex Semiconductors ZLDO500 Datasheet HTML 2Page - Zetex Semiconductors ZLDO500 Datasheet HTML 3Page - Zetex Semiconductors ZLDO500 Datasheet HTML 4Page - Zetex Semiconductors ZLDO500 Datasheet HTML 5Page - Zetex Semiconductors ZLDO500 Datasheet HTML 6Page - Zetex Semiconductors ZLDO500 Datasheet HTML 7Page - Zetex Semiconductors ZLDO500 Datasheet HTML 8Page - Zetex Semiconductors ZLDO500 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ZLDO500
180
160
140
120
100
80
60
40
20
0
0.1
1.0
10
100
Load Current (mA)
Dropout Voltage vs. Load Current
V(in)= 7V
200
220
1000
85 ° C
25 ° C
-40 ° C
V(in)= 12V
V(in)= 7V
Io= 100mA
Time (
µs)
Line Transient Response
0
200
400
600
800
1000
-1
0
1
0.5
0
-0.5
Io= 0mA
Io= 100mA
V(in)= 7V
0
200
400
600
800
1000
Time (
µs)
Load Transient Response
Output Voltage Deviation
Output Voltage Deviation
Safe Operating Area
SINGLE PULSE TEST
Tamb =25 °C
1.0
0.1
0.01
Input-Output Differential Voltage (V)
2
5
10
20
1
DC
DC
1s
0.1s
10ms
TYPICAL CHARACTERISTICS
Operation in shaded area is not guaranteed
4-84


Html Pages

1  2  3  4  5  6  7  8  9