Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC807DS Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BC807DS
Description  PNP general purpose double transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC807DS Fiches technique(HTML) 5 Page - NXP Semiconductors

  BC807DS Datasheet HTML 1Page - NXP Semiconductors BC807DS Datasheet HTML 2Page - NXP Semiconductors BC807DS Datasheet HTML 3Page - NXP Semiconductors BC807DS Datasheet HTML 4Page - NXP Semiconductors BC807DS Datasheet HTML 5Page - NXP Semiconductors BC807DS Datasheet HTML 6Page - NXP Semiconductors BC807DS Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2002 Nov 22
5
NXP Semiconductors
Product data sheet
PNP general purpose double transistor
BC807DS
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface mounted package; 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
97-02-28
01-05-04


Numéro de pièce similaire - BC807DS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC807DS PHILIPS-BC807DS Datasheet
60Kb / 8P
   PNP general purpose double transistor
2002 Nov 22
logo
Nexperia B.V. All right...
BC807DS NEXPERIA-BC807DS Datasheet
201Kb / 8P
   PNP/PNP general purpose double transistors
3 May 2019
More results

Description similaire - BC807DS

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
PEMT1 NEXPERIA-PEMT1 Datasheet
178Kb / 7P
   PNP/PNP general purpose double transistor
29 December 2022
logo
NXP Semiconductors
BC807DS PHILIPS-BC807DS Datasheet
60Kb / 8P
   PNP general purpose double transistor
2002 Nov 22
BC857BS NXP-BC857BS Datasheet
117Kb / 7P
   PNP general purpose double transistor
1999 Apr 26
BC857BS PHILIPS-BC857BS Datasheet
45Kb / 8P
   PNP general purpose double transistor
1999 Apr 26
PEMT1 NXP-PEMT1 Datasheet
107Kb / 6P
   PNP general purpose double transistor
2001 Nov 07
PIMT1 NXP-PIMT1 Datasheet
105Kb / 6P
   PNP general purpose double transistor
2001 Oct 22
PUMT1 NXP-PUMT1 Datasheet
105Kb / 6P
   PNP general purpose double transistor
2001 Dec 19
logo
Guangdong Kexin Industr...
BCV62 KEXIN-BCV62 Datasheet
104Kb / 3P
   PNP general purpose double transistor
logo
Nexperia B.V. All right...
BC857BS-Q NEXPERIA-BC857BS-Q Datasheet
238Kb / 12P
   PNP general purpose double transistor
29 June 2021
logo
NXP Semiconductors
BC857BV PHILIPS-BC857BV Datasheet
54Kb / 8P
   PNP general purpose double transistor
2001 Nov 07
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com