Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC636 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce BC636
Description  45 V, 1 A PNP medium power transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC636 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button BC636 Datasheet HTML 6Page - NXP Semiconductors BC636 Datasheet HTML 7Page - NXP Semiconductors BC636 Datasheet HTML 8Page - NXP Semiconductors BC636 Datasheet HTML 9Page - NXP Semiconductors BC636 Datasheet HTML 10Page - NXP Semiconductors BC636 Datasheet HTML 11Page - NXP Semiconductors BC636 Datasheet HTML 12Page - NXP Semiconductors BC636 Datasheet HTML 13Page - NXP Semiconductors BC636 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BC636_BCP51_BCX51_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 22 February 2008
10 of 15
NXP Semiconductors
BC636; BCP51; BCX51
45 V, 1 A PNP medium power transistors
VCE = −2V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 10. DC current gain as a function of collector
current; typical values
Fig 11. Collector current as a function of
collector-emitter voltage; typical values
VCE = −2V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
IC/IB =10
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Fig 12. Base-emitter voltage as a function of collector
current; typical values
Fig 13. Collector-emitter saturation voltage as a
function of collector current; typical values
006aaa226
100
200
300
hFE
0
IC (mA)
−10−1
−104
−103
−1
−102
−10
(1)
(2)
(3)
VCE (V)
0
−2.0
−1.6
−0.8
−1.2
−0.4
006aaa230
−0.8
−0.4
−1.2
−1.6
IC
(A)
0
−4.5
−9
−13.5
−18
−22.5
−27
−31.5
IB (mA) = −45 −40.5 −36
006aaa227
−600
−800
−400
−1000
−1200
VBE
(mV)
−200
IC (mA)
−10−1
−104
−103
−1
−102
−10
(1)
(2)
(3)
006aaa228
−102
−103
VCEsat
(mV)
−10
IC (mA)
−10−1
−104
−103
−1
−102
−10
(1)
(2)
(3)


Numéro de pièce similaire - BC636

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
Foshan Blue Rocket Elec...
BC636 FOSHAN-BC636 Datasheet
849Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
ON Semiconductor
BC636 ONSEMI-BC636 Datasheet
86Kb / 4P
   High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
Jiangsu Changjiang Elec...
BC636 JIANGSU-BC636 Datasheet
721Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC636 PHILIPS-BC636 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 23
More results

Description similaire - BC636

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51_15 Datasheet
253Kb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
logo
Nexperia B.V. All right...
BC51XPAS_SER NEXPERIA-BC51XPAS_SER Datasheet
261Kb / 11P
   45 V, 1 A PNP medium power transistors
6 December 2022
logo
NXP Semiconductors
BC51PA NXP-BC51PA Datasheet
242Kb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
logo
Nexperia B.V. All right...
BCP51 NEXPERIA-BCP51 Datasheet
1Mb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9 - 13 October 2011
BCP51T_SER NEXPERIA-BCP51T_SER Datasheet
273Kb / 14P
   45 V, 1 A PNP medium power transistors
Rev. 1 - 29 April 2019
BC51PAS NEXPERIA-BC51PAS Datasheet
903Kb / 15P
   45 V/60 V/80 V, 1 A PNP medium power transistors
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com