Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT120S Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BAT120S
Description  Schottky barrier double diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT120S Fiches technique(HTML) 4 Page - NXP Semiconductors

  BAT120S Datasheet HTML 1Page - NXP Semiconductors BAT120S Datasheet HTML 2Page - NXP Semiconductors BAT120S Datasheet HTML 3Page - NXP Semiconductors BAT120S Datasheet HTML 4Page - NXP Semiconductors BAT120S Datasheet HTML 5Page - NXP Semiconductors BAT120S Datasheet HTML 6Page - NXP Semiconductors BAT120S Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2003 Aug 04
4
NXP Semiconductors
Product data sheet
Schottky barrier double diodes
BAT120 series
GRAPHICAL DATA
handbook, halfpage
0
600
200
800
VF (mV)
400
MBL886
104
1
10
102
103
IF
(mA)
(1)
(3)
(4)
(2)
(1) Tamb = 125 °C.
(2) Tamb = 100 °C.
(3) Tamb = 75 °C.
(4) Tamb = 25 °C.
Fig.3
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
30
VR (V)
IR
(
μA)
0
10
20
105
104
103
102
10
1
MHB970
(1)
(2)
(3)
(4)
(1) Tamb = 125 °C.
(2) Tamb = 100 °C.
(3) Tamb = 75 °C.
(4) Tamb = 25 °C.
Fig.4
Reverse current as a function of reverse
voltage; typical values.
Fig.5
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb = 25 °C.
handbook, halfpage
30
VR (V)
Cd
(pF)
010
20
103
102
10
MBK571


Numéro de pièce similaire - BAT120S

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAT120S PHILIPS-BAT120S Datasheet
68Kb / 8P
   Schottky barrier double diodes
1998 Oct 30
logo
Nexperia B.V. All right...
BAT120S NEXPERIA-BAT120S Datasheet
368Kb / 8P
   Schottky barrier double diodes
2003 Aug 04
More results

Description similaire - BAT120S

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
   Schottky barrier (double) diodes
2001 Feb 27
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com