Moteur de recherche de fiches techniques de composants électroniques |
|
TMP320C6722BZDH225 Fiches technique(PDF) 6 Page - Texas Instruments |
|
TMP320C6722BZDH225 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 118 page Contents TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 www.ti.com 1 TMS320C6727B, TMS320C6726B, 4.4 Electrical Characteristics ............................ 34 TMS320C6722B, TMS320C6720 DSPs ............... 1 4.5 Parameter Information .............................. 35 1.1 Features .............................................. 1 4.6 Timing Parameter Symbology ....................... 36 1.2 Description ............................................ 2 4.7 Power Supplies ...................................... 37 1.2.1 Device Compatibility ................................. 4 4.8 Reset ................................................ 38 1.3 Functional Block Diagram ............................ 5 4.9 Dual Data Movement Accelerator (dMAX) .......... 39 2 Device Overview ......................................... 7 4.10 External Interrupts ................................... 44 2.1 Device Characteristics ................................ 7 4.11 External Memory Interface (EMIF) .................. 45 2.2 Enhanced C67x+ CPU ............................... 8 4.12 Universal Host-Port Interface (UHPI) [C6727B Only] ................................................. 56 2.3 CPU Interrupt Assignments ........................... 9 4.13 Multichannel Audio Serial Ports (McASP0, McASP1, 2.4 Internal Program/Data ROM and RAM .............. 10 and McASP2) ........................................ 70 2.5 Program Cache ...................................... 11 4.14 Serial Peripheral Interface Ports (SPI0, SPI1) ...... 82 2.6 High-Performance Crossbar Switch ................. 12 4.15 Inter-Integrated Circuit Serial Ports (I2C0, I2C1) ... 95 2.7 Memory Map Summary ............................. 15 4.16 Real-Time Interrupt (RTI) Timer With Digital 2.8 Boot Modes .......................................... 16 Watchdog ............................................ 99 2.9 Pin Assignments .................................... 19 4.17 External Clock Input From Oscillator or CLKIN Pin 102 2.10 Development ........................................ 26 4.18 Phase-Locked Loop (PLL) ......................... 104 3 Device Configurations ................................. 30 5 Application Example ................................. 107 3.1 Device Configuration Registers ..................... 30 6 Revision History ...................................... 108 3.2 Peripheral Pin Multiplexing Options ................. 30 7 Mechanical Data ....................................... 109 3.3 Peripheral Pin Multiplexing Control ................. 31 7.1 Package Thermal Resistance Characteristics ..... 109 4 Peripheral and Electrical Specifications ........... 33 7.2 Supplementary Information About the 144-Pin RFP 4.1 Electrical Specifications ............................. 33 PowerPAD™ Package ............................. 110 4.2 Absolute Maximum Ratings ......................... 33 7.3 Packaging Information ............................. 110 4.3 Recommended Operating Conditions ............... 33 Contents 6 Submit Documentation Feedback |
Numéro de pièce similaire - TMP320C6722BZDH225 |
|
Description similaire - TMP320C6722BZDH225 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |