Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS20 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BAS20
Description  General purpose diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS20 Fiches technique(HTML) 4 Page - NXP Semiconductors

  BAS20 Datasheet HTML 1Page - NXP Semiconductors BAS20 Datasheet HTML 2Page - NXP Semiconductors BAS20 Datasheet HTML 3Page - NXP Semiconductors BAS20 Datasheet HTML 4Page - NXP Semiconductors BAS20 Datasheet HTML 5Page - NXP Semiconductors BAS20 Datasheet HTML 6Page - NXP Semiconductors BAS20 Datasheet HTML 7Page - NXP Semiconductors BAS20 Datasheet HTML 8Page - NXP Semiconductors BAS20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2003 Mar 20
4
NXP Semiconductors
Product data sheet
General purpose diodes
BAS19; BAS20; BAS21
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1.
Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
see Fig.3
IF = 100 mA
1
V
IF = 200 mA
1.25
V
IR
reverse current
see Fig.5
BAS19
VR = 100 V
100
nA
VR = 100 V; Tj = 150 °C
100
µA
BAS20
VR = 150 V
100
nA
VR = 150 V; Tj = 150 °C
100
µA
BAS21
VR = 200 V
100
nA
VR = 200 V; Tj = 150 °C
100
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
5
pF
trr
reverse recovery time
when switched from IF = 30 mA to
IR = 30 mA; RL = 100 Ω; measured at
IR = 3 mA; see Fig.8
50
ns
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
330
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W


Numéro de pièce similaire - BAS20

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAS20 PANJIT-BAS20 Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Sangdest Microelectroni...
BAS20 SMC-BAS20 Datasheet
134Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotec Semiconductor
BAS20 DIOTEC-BAS20 Datasheet
180Kb / 2P
   Surface Mount Silicon Planar Small-Signal Diode
logo
Vishay Siliconix
BAS20 VISHAY-BAS20 Datasheet
93Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.2, 13-Feb-18
logo
Taiwan Semiconductor Co...
BAS20 TSC-BAS20 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
More results

Description similaire - BAS20

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
New Jersey Semi-Conduct...
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
   General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
   GENERAL PURPOSE DIODES
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
   General purpose diodes
1996 Sep 17
logo
New Jersey Semi-Conduct...
1S134 NJSEMI-1S134 Datasheet
351Kb / 1P
   General Purpose Diodes
1S940 NJSEMI-1S940 Datasheet
351Kb / 1P
   General Purpose Diodes
1S131 NJSEMI-1S131 Datasheet
351Kb / 1P
   GENERAL PURPOSE DIODES
1S922 NJSEMI-1S922 Datasheet
351Kb / 1P
   General Purpose Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com