Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1207S080HW Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce ADC1207S080HW
Description  Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1207S080HW Fiches technique(HTML) 4 Page - NXP Semiconductors

  ADC1207S080HW Datasheet HTML 1Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 2Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 3Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 4Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 5Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 6Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 7Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 8Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADC1207S080_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 7 August 2008
4 of 21
NXP Semiconductors
ADC1207S080
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
[1]
P: power supply; G: ground; I: input; O: output.
DGND2
17
G
digital ground 2
CE_N
18
I
chip enable input (CMOS level; active LOW)
OTC
19
I
control input for two’s complement output (active HIGH)
OGND
20
G
data output ground
VCCO
21
P
data output supply voltage (3.3 V)
OGND
22
G
data output ground
VCCO
23
P
data output supply voltage (3.3 V)
IR
24
O
in-range output
D11
25
O
data output bit 11 (Most Significant Bit (MSB))
D10
26
O
data output bit 10
D9
27
O
data output bit 9
D8
28
O
data output bit 8
D7
29
O
data output bit 7
D6
30
O
data output bit 6
D5
31
O
data output bit 5
D4
32
O
data output bit 4
D3
33
O
data output bit 3
D2
34
O
data output bit 2
D1
35
O
data output bit 1
D0
36
O
data output bit 0 (Least Significant Bit (LSB))
CCS
37
O
complete conversion signal output
DGND1
38
G
digital ground 1
CLKN
39
I
complementary clock input
CLK
40
I
clock input
VCCD1
41
P
digital supply voltage 1 (5.0 V)
DGND1
42
G
digital ground 1
AGND2
43
G
analog ground 2
VCCA2
44
P
analog supply voltage 2 (5.0 V)
VCCA1
45
P
analog supply voltage 1 (5.0 V)
AGND1
46
G
analog ground 1
VCCA1
47
P
analog supply voltage 1 (5.0 V)
AGND1
48
G
analog ground 1
DGND
exposed
die pad
G
digital ground
Table 2.
Pin description …continued
Symbol
Pin
Type [1]
Description


Numéro de pièce similaire - ADC1207S080HW

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ADC1207S080HW IDT-ADC1207S080HW Datasheet
532Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
More results

Description similaire - ADC1207S080HW

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ADC1207S080 IDT-ADC1207S080 Datasheet
532Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
logo
Renesas Technology Corp
ADC1207S080 RENESAS-ADC1207S080 Datasheet
536Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
2 July 2012
logo
NXP Semiconductors
TDA9910 PHILIPS-TDA9910 Datasheet
138Kb / 21P
   12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC) direct/ultra high IF sampling
Rev. 02-9 December 2004
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC0801S040 NXP-ADC0801S040 Datasheet
123Kb / 19P
   Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Integrated Device Techn...
ADC1002S020 IDT-ADC1002S020 Datasheet
426Kb / 18P
   Single 10 bits ADC, up to 20 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com