Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431ASDT Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce TL431ASDT
Description  Adjustable precision shunt regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431ASDT Fiches technique(HTML) 1 Page - NXP Semiconductors

  TL431ASDT Datasheet HTML 1Page - NXP Semiconductors TL431ASDT Datasheet HTML 2Page - NXP Semiconductors TL431ASDT Datasheet HTML 3Page - NXP Semiconductors TL431ASDT Datasheet HTML 4Page - NXP Semiconductors TL431ASDT Datasheet HTML 5Page - NXP Semiconductors TL431ASDT Datasheet HTML 6Page - NXP Semiconductors TL431ASDT Datasheet HTML 7Page - NXP Semiconductors TL431ASDT Datasheet HTML 8Page - NXP Semiconductors TL431ASDT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1.
General description
Three-terminal shunt regulator family with an output voltage range between Vref and 36 V,
to be set by two external resistors.
2.
Features
Programmable output voltage up to 36 V
Three different reference voltage tolerances:
Standard grade: 2 %
A-Grade: 1 %
B-Grade: 0.5 %
Typical temperature drift: 6 mV (in a range of 0
°C up to 70 °C)
Low output noise
Typical output impedance: 0.2
Ω
Sink current capability: 1 mA to 100 mA
AEC-Q100 qualified (grade 1)
3.
Applications
Shunt regulator
Precision current limiter
Precision constant current sink
TL431 family
Adjustable precision shunt regulator
Rev. 02 — 20 January 2010
Product data sheet
Table 1.
Product overview
Reference voltage
tolerance (Vref)
Temperature range (Tamb)
Pinning
configuration
(see Table 5)
0 to 70
°C
−40 to 85 °C
−40 to 125 °C
2 %
TL431CDBZR
TL431IDBZR
TL431QDBZR
normal pinning
TL431SDT
normal pinning
TL431MSDT
mirrored pinning
1 %
TL431ACDBZR TL431AIDBZR
TL431AQDBZR normal pinning
TL431ASDT
normal pinning
TL431AMSDT
mirrored pinning
0.5 %
TL431BCDBZR TL431BIDBZR
TL431BQDBZR normal pinning
TL431BSDT
normal pinning
TL431BMSDT
mirrored pinning


Numéro de pièce similaire - TL431ASDT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TL431ASDT PHILIPS-TL431ASDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
TL431ASDT NXP-TL431ASDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
More results

Description similaire - TL431ASDT

FabricantNo de pièceFiches techniqueDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com