Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVTN16244BBQ Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74LVTN16244BBQ
Description  3.3 V 16-bit buffer/driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTN16244BBQ Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74LVTN16244BBQ Datasheet HTML 2Page - NXP Semiconductors 74LVTN16244BBQ Datasheet HTML 3Page - NXP Semiconductors 74LVTN16244BBQ Datasheet HTML 4Page - NXP Semiconductors 74LVTN16244BBQ Datasheet HTML 5Page - NXP Semiconductors 74LVTN16244BBQ Datasheet HTML 6Page - NXP Semiconductors 74LVTN16244BBQ Datasheet HTML 7Page - NXP Semiconductors 74LVTN16244BBQ Datasheet HTML 8Page - NXP Semiconductors 74LVTN16244BBQ Datasheet HTML 9Page - NXP Semiconductors 74LVTN16244BBQ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74LVTN16244B_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 23 March 2010
6 of 16
NXP Semiconductors
74LVTN16244B
3.3 V 16-bit buffer/driver; 3-state
[1]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
[2]
The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability.
[3]
Above 60
°C the value of P
tot derates linearly with 5.5 mW/K.
[4]
Above 70
°C the value of P
tot derates linearly with 1.8 mW/K.
8.
Recommended operating conditions
Ptot
total power dissipation
Tamb = −40 °C to +85 °C;
TSSOP48 package
[3] -
500
mW
HXQFN60U package
[4] -
1000
mW
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.7
-
3.6
V
VI
input voltage
0
-
5.5
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
IOH
HIGH-level output current
−32
-
-
mA
IOL
LOW-level output current
none
-
-
32
mA
current duty cycle
≤ 50 %;
fi ≥ 1kHz
--
64
mA
Tamb
ambient temperature
in free-air
−40
-
+85
°C
Δt/ΔV
input transition rise and fall rate outputs enabled
-
-
10
ns/V


Numéro de pièce similaire - 74LVTN16244BBQ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVTN16244BBQ NXP-74LVTN16244BBQ Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
More results

Description similaire - 74LVTN16244BBQ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVT16244B NXP-74LVT16244B_10 Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
74LVTN16244B PHILIPS-74LVTN16244B_15 Datasheet
193Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 5-2 April 2012
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com