Moteur de recherche de fiches techniques de composants électroniques |
|
74LVT16245BDGG Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
74LVT16245BDGG Fiches technique(HTML) 1 Page - NXP Semiconductors |
1 / 19 page 1. General description The 74LVT16245B; 74LVTH16245B is a high-performance BiCMOS product designed for VCC operation at 3.3 V. This device is a 16-bit transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions. The control function implementation minimizes external timing requirements. The device features an output enable input (nOE) for easy cascading and a direction input (nDIR) for direction control. 2. Features and benefits 16-bit bidirectional bus interface 3-state buffers Output capability: +64 mA and −32 mA TTL input and output switching levels Input and output interface capability to systems at 5 V supply Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs Live insertion and extraction permitted Power-up 3-state No bus current loading when output is tied to 5 V bus Latch-up protection: JESD78B Class II exceeds 500 mA ESD protection: HBM JESD22-A114F exceeds 2000 V MM JESD22-A115-A exceeds 200 V 74LVT16245B; 74LVTH16245B 3.3 V 16-bit transceiver; 3-state Rev. 07 — 29 March 2010 Product data sheet |
Numéro de pièce similaire - 74LVT16245BDGG |
|
Description similaire - 74LVT16245BDGG |