Moteur de recherche de fiches techniques de composants électroniques |
|
74LVT241D Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
74LVT241D Fiches technique(HTML) 6 Page - NXP Semiconductors |
6 / 16 page 74LVT241_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 03 — 7 May 2008 6 of 16 NXP Semiconductors 74LVT241 3.3 V octal buffer/line driver; 3-state [1] All typical values are measured at Tamb =25 °C. [2] Unused pins at VCC or GND. [3] This is the bus hold overdrive current required to force the input to the opposite logic state. [4] This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC =1.2 VtoVCC = 3.3 V ± 0.3 V a transition time of 100 ms is permitted. This parameter is valid for Tamb = +25 °C only. [5] ICC with the outputs disabled is measured with outputs pulled to VCC or GND. [6] This is the increase in supply current for each input at the specified voltage level other than VCC or GND. 10. Dynamic characteristics ICC supply current VCC = 3.6 V; VI =VCC or GND; IO =0A outputs HIGH - 0.12 0.19 mA outputs LOW - 3 12 mA outputs disabled [5] - 0.12 0.19 mA ∆ICC additional supply current per input pin; VCC = 3.0 V to 3.6 V; one input = VCC − 0.6 V other inputs at VCC or GND [6] - 0.1 0.25 mA CI input capacitance 1OE and 2OE inputs; outputs disabled; VI = 0 V or 3.0 V -4 - pF CI/O input/output capacitance at input/output data pins, outputs disabled; VI/O = 0 V or 3.0 V -8 - pF Table 6. Static characteristics …continued At recommended operating conditions. Voltages are referenced to GND (ground = 0 V); Tamb = −40 °C to +85 °C. Symbol Parameter Conditions Min Typ[1] Max Unit Table 7. Dynamic characteristics Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 8; Tamb = −40 °C to +85 °C. Symbol Parameter Conditions Min Typ[1] Max Unit tPLH LOW to HIGH propagation delay 1An to 1Yn, 2An to 2Yn; see Figure 5 VCC = 2.7 V - - 4.0 ns VCC = 3.3 V ± 0.3 V 1.0 2.8 3.8 ns tPHL HIGH to LOW propagation delay 1An to 1Yn, 2An to 2Yn; see Figure 5 VCC = 2.7 V - - 4.0 ns VCC = 3.3 V ± 0.3 V 1.0 2.8 3.8 ns tPZH OFF-state to HIGH propagation delay 1OE to 1Yn; see Figure 6 VCC = 2.7 V - - 5.0 ns VCC = 3.3 V ± 0.3 V 1.0 3.2 4.4 ns 2OE to 2Yn; see Figure 7 VCC = 2.7 V - - 5.6 ns VCC = 3.3 V ± 0.3 V 1.0 3.8 5.1 ns |
Numéro de pièce similaire - 74LVT241D |
|
Description similaire - 74LVT241D |