Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCH16374ADL Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74LVCH16374ADL
Description  16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCH16374ADL Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74LVCH16374ADL Datasheet HTML 2Page - NXP Semiconductors 74LVCH16374ADL Datasheet HTML 3Page - NXP Semiconductors 74LVCH16374ADL Datasheet HTML 4Page - NXP Semiconductors 74LVCH16374ADL Datasheet HTML 5Page - NXP Semiconductors 74LVCH16374ADL Datasheet HTML 6Page - NXP Semiconductors 74LVCH16374ADL Datasheet HTML 7Page - NXP Semiconductors 74LVCH16374ADL Datasheet HTML 8Page - NXP Semiconductors 74LVCH16374ADL Datasheet HTML 9Page - NXP Semiconductors 74LVCH16374ADL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74LVC_LVCH16374A_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 23 March 2010
6 of 19
NXP Semiconductors
74LVC16374A; 74LVCH16374A
16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level;
h = HIGH voltage level one set-up time prior to the HIGH-to-LOW CP transition;
L = LOW voltage level;
l = LOW voltage level one set-up time prior to the HIGH-to-LOW CP transition;
↑ = LOW-to-HIGH transition;
Z = high-impedance OFF-state.
7.
Limiting values
Table 2.
Pin description
Symbol
Pin
Description
SOT370-1 and SOT362-1
SOT1134-1
1OE, 2OE
1, 24
A30, A13
output enable input (active LOW)
GND
4, 10, 15, 21, 28, 34, 39, 45
A32, A3, A8, A11, A16, A19, A24, A27
ground (0 V)
VCC
7, 18, 31, 42
A1, A10, A17, A26
supply voltage
1Q0 to 1Q7 2, 3, 5, 6, 8, 9, 11, 12
B20, A31, D5, D1, A2, B2, B3, A5
data output
2Q0 to 2Q7 13, 14, 16, 17, 19, 20, 22, 23
A6, B5, B6, A9, D2, D6, A12, B8
data output
1D0 to 1D7 47, 46, 44, 43, 41, 40, 38, 37
B18, A28, D8, D4, A25, B16, B15, A22 data input
2D0 to 2D7 36, 35, 33, 32, 30, 29, 27, 26
A21, B13, B12, A18, D3, D7, A15, B10 data input
1CP, 2CP
48, 25
A29, A14
clock input
Table 3.
Function selection[1]
Operating mode
Input
Internal flip-flop
Output nQ0 to nQ7
nOE
nCP
nDn
Load and read register
L
lL
L
L
hH
H
Load register and disable outputs
H
lL
Z
H
hH
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+6.5
V
IOK
output clamping current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
output HIGH-or LOW-state
[2]
−0.5
VCC +0.5
V
output 3-state
[2]
−0.5
+6.5
V
IO
output current
VO =0 VtoVCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C


Numéro de pièce similaire - 74LVCH16374ADL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVCH16374ADL PHILIPS-74LVCH16374ADL Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
logo
Texas Instruments
74LVCH16374ADLG4 TI-74LVCH16374ADLG4 Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74LVCH16374ADLG4 TI-74LVCH16374ADLG4 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74LVCH16374ADLRG4 TI-74LVCH16374ADLRG4 Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74LVCH16374ADLRG4 TI-74LVCH16374ADLRG4 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Description similaire - 74LVCH16374ADL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC16374A PHILIPS-74LVC16374A Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVCH32374A PHILIPS-74LVCH32374A Datasheet
77Kb / 16P
   32-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
1999 Nov 24
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com