Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCH245ADB Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74LVCH245ADB
Description  Octal bus transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCH245ADB Fiches technique(HTML) 3 Page - NXP Semiconductors

  74LVCH245ADB Datasheet HTML 1Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 2Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 3Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 4Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 5Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 6Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 7Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 8Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74LVC_LVCH245A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 25 August 2009
3 of 17
NXP Semiconductors
74LVC245A; 74LVCH245A
Octal bus transceiver; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as a
supply pin or input.
Fig 3.
Pin configuration for SO20 and (T)SSOP20
Fig 4.
Pin configuration for DHVQFN20 and
DHXQFN20U
74LVC245A
74LVCH245A
DIR
VCC
A0
OE
A1
B0
A2
B1
A3
B2
A4
B3
A5
B4
A6
B5
A7
B6
GND
B7
001aak292
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aak293
74LVC245A
74LVCH245A
Transparent top view
B6
A6
A7
B5
A5
B4
A4
B3
A3
B2
A2
B1
A1
B0
A0
OE
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
GND(1)
Table 2.
Pin description
Symbol
Pin
Description
DIR
1
direction control
A0 to A7
2, 3, 4, 5, 6, 7, 8, 9
data input/output
GND
10
ground (0 V)
B0 to B7
18, 17, 16, 15, 14, 13, 12, 11
data input/output
OE
19
output enable input (active LOW)
VCC
20
supply voltage


Numéro de pièce similaire - 74LVCH245ADB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVCH245ADB PHILIPS-74LVCH245ADB Datasheet
125Kb / 20P
   Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
More results

Description similaire - 74LVCH245ADB

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com