Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM320C6713BGDP167 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce SM320C6713BGDP167
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SM320C6713BGDP167 Fiches technique(HTML) 3 Page - Texas Instruments

  SM320C6713BGDP167 Datasheet HTML 1Page - Texas Instruments SM320C6713BGDP167 Datasheet HTML 2Page - Texas Instruments SM320C6713BGDP167 Datasheet HTML 3Page - Texas Instruments SM320C6713BGDP167 Datasheet HTML 4Page - Texas Instruments SM320C6713BGDP167 Datasheet HTML 5Page - Texas Instruments SM320C6713BGDP167 Datasheet HTML 6Page - Texas Instruments SM320C6713BGDP167 Datasheet HTML 7Page - Texas Instruments SM320C6713BGDP167 Datasheet HTML 8Page - Texas Instruments SM320C6713BGDP167 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 153 page
background image
TMS320C6713B
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS294B − OCTOBER 2005 − REVISED JUNE 2006
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
REVISION HISTORY
The TMS320C6713B device-specific documentation has been split from TMS320C6713, TMS320C6713B Float-
ing−Point Digital Signal Processors, literature number SPRS186K, into a separate Data Sheet, literature number
SPRS294. It also highlights technical changes made to SPRS294 to generate SPRS294A. These changes are
marked by “[Revision A].” Additionally, made changes to SPRS294A to generate SPRS294B. These changes
are marked by “[Revision B].” Both Revision A and B changes are noted in the Revision History table below.
Scope: Updated information on McASP, McBSP and JTAG for clarification. Changed Pin Description for A12 and
B11 (Revisions SPRS294 and SPRS294A). Updated Nomenclature figure by adding device−specific information
for the ZDP package. TI Recommends for new designs that the following pins be configured as such:
D Pin A12 connected directly to CVDD (core power)
D Pin B11 connected directly to Vss (ground)
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
6
Terminal Assignments for the 272-Ball GDP and ZDP Packages (in Order of Ball No.) table:
Updated Signal Name for Ball No. A12
Updated Signal Name for Ball No. B11
10
PYP PowerPAD QFP package (top view):
Updated drawing
32
Device Configurations, device configurations at device reset section:
Updated “For proper device operation...” paragraph [Revision B]
33
Device Configurations, Device Configurations Pins at Device Reset (HD[4:3], HD8, HD12, and CLKMODE0) section:
Removed “CE1 width 32−bit” from Functional Description for “00” in HD[4:3](BOOTMODE) Configuration Pin
33
Device Configurations, Device Configurations Pins at Device Reset (HD[4:3], HD8, HD12, and CLKMODE0) section:
Updated “All other HD pins...” footnote [Revision B]
37
Table 22 Peripheral Pin Selection Matrix:
Updated/changed MCBSP0DIS (DEVCFG bit) from “ACLKKO” to “ACLKXO”
46
Configuration Example F (1 McBSP + HPI + 1 McASP) figure:
Updated from McBSP1DIS = 1 to McBSP1DIS = 0
47
Device Configurations, debugging considerations section:
Updated “Internal pullup/pulldown resistors...” paragraph [Revision B]
49
Terminal Functions, Resets and Interrupts section:
Updated IPU/IPD for RESET Signal Name from “IPU” to “−−”
50
Terminal Functions table, Host Port Interface section:
Removed “CE1 width 32−bit” from Description for “00” in Bootmode HD[4:3]
50
Terminal Functions table, Host Port Interface section:
Updated “Other HD pins...” paragraph [Revision B]
55
Terminal Functions, Timer 1 section:
Updated Description for TINP1/AHCLKX0 Signal Name
57
Terminal Functions, Reserved for Test section:
Updated Description for RSV Signal Name, 181 PYP, A12 GDP/ZDP
Updated Description for RSV Signal Name, 180 PYP, B11 GDP/ZDP


Numéro de pièce similaire - SM320C6713BGDP167

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SM320C6713BGDP20EP TI-SM320C6713BGDP20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SM320C6713BGDPA20EP TI-SM320C6713BGDPA20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SM320C6713BGDPM20EP TI-SM320C6713BGDPM20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SM320C6713BGDPS20EP TI-SM320C6713BGDPS20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results

Description similaire - SM320C6713BGDP167

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com