Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC3GU04 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74LVC3GU04
Description  Triple inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3GU04 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC3GU04 Datasheet HTML 2Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 3Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 4Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 5Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 6Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 7Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 8Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 9Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LVC3GU04_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 11 November 2009
6 of 17
NXP Semiconductors
74LVC3GU04
Triple inverter
[1]
All typical values are measured at Tamb =25 °C.
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of outputs.
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA;
VCC = 1.65 V to 5.5 V
-
-
0.1
V
IO = 4 mA; VCC = 1.65 V
-
-
0.70
V
IO = 8 mA; VCC = 2.3 V
-
-
0.45
V
IO = 12 mA; VCC = 2.7 V
-
-
0.60
V
IO = 24 mA; VCC = 3.0 V
-
-
0.80
V
IO = 32 mA; VCC = 4.5 V
-
-
0.80
V
II
input leakage current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
--
±20
µA
ICC
supply current
VI = 5.5 V or GND;
VCC = 1.65 V to 5.5 V; IO =0A
--
40
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 9.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA to nY; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
0.5
2.3
5.0
0.5
6.3
ns
VCC = 2.3 V to 2.7 V
0.3
1.8
4.0
0.3
4.0
ns
VCC = 2.7 V
0.3
2.6
4.5
0.3
5.6
ns
VCC = 3.0 V to 3.6 V
0.3
2.3
3.7
0.3
4.5
ns
VCC = 4.5 V to 5.5 V
0.3
1.7
3.0
0.3
3.8
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3] -7
---pF


Numéro de pièce similaire - 74LVC3GU04

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
   TRIPLE INVERTER
Rev. 03-01 February 2005
74LVC3GU04 NXP-74LVC3GU04 Datasheet
96Kb / 16P
   Triple inverter
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3GU04 NEXPERIA-74LVC3GU04 Datasheet
267Kb / 16P
   Triple unbuffered inverter
Rev. 14 - 20 April 2021
logo
NXP Semiconductors
74LVC3GU04DC NXP-74LVC3GU04DC Datasheet
96Kb / 16P
   Triple inverter
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3GU04DC NEXPERIA-74LVC3GU04DC Datasheet
267Kb / 16P
   Triple unbuffered inverter
Rev. 14 - 20 April 2021
More results

Description similaire - 74LVC3GU04

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
   TRIPLE INVERTER
Rev. 03-01 February 2005
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
   Triple Inverter
August, 2002 ??Rev. 2
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
   TRIPLE INVERTER
74V2T05 STMICROELECTRONICS-74V2T05 Datasheet
131Kb / 7P
   TRIPLE INVERTER
logo
NXP Semiconductors
74LVC3G04 NXP-74LVC3G04_08 Datasheet
101Kb / 16P
   Triple inverter
Rev. 07-16 June 2008
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
   Triple Inverter
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com