Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2065DRG4 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS2065DRG4
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2065DRG4 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS2065DRG4 Datasheet HTML 1Page - Texas Instruments TPS2065DRG4 Datasheet HTML 2Page - Texas Instruments TPS2065DRG4 Datasheet HTML 3Page - Texas Instruments TPS2065DRG4 Datasheet HTML 4Page - Texas Instruments TPS2065DRG4 Datasheet HTML 5Page - Texas Instruments TPS2065DRG4 Datasheet HTML 6Page - Texas Instruments TPS2065DRG4 Datasheet HTML 7Page - Texas Instruments TPS2065DRG4 Datasheet HTML 8Page - Texas Instruments TPS2065DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
TPS2061, TPS2062, TPS2063
TPS2065, TPS2066, TPS2067
SLVS490I – DECEMBER 2003 – REVISED OCTOBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION (CONTINUED)
When the output load exceeds the current-limit threshold or a short is present, the device limits the output current
to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic output low. When
continuous heavy overloads and short-circuits increase the power dissipation in the switch, causing the junction
temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from a thermal
shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures that the switch remains
off until valid input voltage is present. This power-distribution switch is designed to set current limit at 1.5 A
typically.
AVAILABLE OPTION AND ORDERING INFORMATION
RECOMMEND
TYPICAL
PACKAGED
ED
SHORT-
DEVICES (1)
MAXIMUM
CIRCUIT
NUMBER OF
TA
ENABLE
CONTINUOUS
CURRENT
SWITCHES
MSOP (DGN)
SOIC (D)
SOT23 (DBV) (2)
LOAD
LIMIT
CURRENT
AT 25°C
Active low
TPS2061DGN
TPS2061D
-
Single
Active high
TPS2065DGN
TPS2065D
-
Active low
TPS2062DGN
TPS2062D
-
Dual
Active high
TPS2066DGN
TPS2066D
-
-40°C to 85°C
1 A
1.5 A
Active low
-
TPS2063D
-
Triple
Active high
-
TPS2067D
-
Active low
-
-
TPS2061DBV
Single
Active high
-
-
TPS2065DBV
(1)
The package is available taped and reeled. Add an R suffix to device types (e.g., TPS2062DR).
(2)
The printed circuit board layout is important for control of temperature rise when operated at high ambient temperatures.
spacer
ORDERING INFORMATION
TA
SOIC(D) (1)
STATUS
MSOP (DGN) (1)
STATUS
SOT23 (DBV) (2)
STATUS
TPS2061DG4
Active
TPS2061DGNG4
Active
-
-
TPS2062DG4
Active
TPS2062DGNG4
Active
-
-
TPS2065DG4
Active
TPS2065DGNG4
Active
-
-
-40°C to 85°C
TPS2066DG4
Active
TPS2066DGNG4
Active
-
-
-
-
-
-
TPS2061DBV
Active
-
-
-
-
TPS2065DBV
Active
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The printed circuit board layout is important for control of temperature rise when operated at high ambient temperatures.
2
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2061 TPS2062 TPS2063 TPS2065 TPS2066 TPS2067


Numéro de pièce similaire - TPS2065DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2065DRG4 TI-TPS2065DRG4 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2065DRG4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com